Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1076 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 4 Page - NXP Semiconductors

  UJA1076 Datasheet HTML 1Page - NXP Semiconductors UJA1076 Datasheet HTML 2Page - NXP Semiconductors UJA1076 Datasheet HTML 3Page - NXP Semiconductors UJA1076 Datasheet HTML 4Page - NXP Semiconductors UJA1076 Datasheet HTML 5Page - NXP Semiconductors UJA1076 Datasheet HTML 6Page - NXP Semiconductors UJA1076 Datasheet HTML 7Page - NXP Semiconductors UJA1076 Datasheet HTML 8Page - NXP Semiconductors UJA1076 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
4 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
3.
Ordering information
[1]
UJA1076TW/5V0xx versions contain a 5 V regulator (V1); UJA1076TW/3V3xx versions contain a 3.3 V regulator (V1); WD versions
contain a watchdog.
4.
Block diagram
Table 1.
Ordering information
Type number[1]
Package
Name
Description
Version
UJA1076TW/5V0/WD
HTSSOP32
plastic thermal enhanced thin shrink small outline package;
32 leads; body width 6.1 mm; lead pitch 0.65 mm; exposed die
pad
SOT549-1
UJA1076TW/3V3/WD
UJA1076TW/5V0
UJA1076TW/3V3
Fig 1.
Block diagram
SYSTEM
CONTROLLER
BAT
V1
UV
UJA1076
SDI
HS-CAN
SCK
SCSN
SDO
WAKE2
WAKE1
EN
WDOFF
BAT
LIMP
SPLIT
RXDC
TXDC
CANL
CANH
V2
OSC
TEMP
INTN
RSTN
EXT. PNP
CTRL
VEXCC
VEXCTRL
V2
UV
V2
V1
V1
V2
GND
WAKE
WBIAS
015aaa108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com