Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1076 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 14Page - NXP Semiconductors UJA1076 Datasheet HTML 15Page - NXP Semiconductors UJA1076 Datasheet HTML 16Page - NXP Semiconductors UJA1076 Datasheet HTML 17Page - NXP Semiconductors UJA1076 Datasheet HTML 18Page - NXP Semiconductors UJA1076 Datasheet HTML 19Page - NXP Semiconductors UJA1076 Datasheet HTML 20Page - NXP Semiconductors UJA1076 Datasheet HTML 21Page - NXP Semiconductors UJA1076 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
18 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
6.6 Power supplies
6.6.1 Battery pin (BAT)
The SBC contains a single supply pin, BAT. An external diode is needed in series to
protect the device against negative voltages. The operating range is from 4.5 V to 28 V.
The SBC can handle maximum voltages up to 40 V.
If the voltage on pin BAT falls below the power-off detection threshold (Vth(det)poff), the
SBC immediately enters Off mode, which means that the voltage regulators and the
internal logic are shut down. The SBC leaves Off mode for Standby mode as soon as the
voltage rises above the power-on detection threshold, Vth(det)pon. The POSI bit in the
Int_Status register is set to 1 when the SBC leaves Off mode.
6.6.2 Voltage regulator V1
Voltage regulator V1 is intended to supply the microcontroller, its periphery and additional
transceivers. V1 is supplied by pin BAT and delivers up to 250 mA at 3.3 V or 5 V
(depending on the UJA1076 version).
To prevent the device overheating at high ambient temperatures or high average currents,
an external PNP transistor can be connected as illustrated in Figure 6. In this
configuration, the power dissipation is distributed between the SBC and the PNP
transistor. Bit PDC in the Mode_Control register (Table 5) is used to regulate how the
power dissipation is distributed
− if PDC = 0, the PNP transistor will be activated when the
load current reaches 85 mA (50 mA if PDC = 1) at Tvj =150 °C. V1 will continue to deliver
85 mA while the transistor delivers the additional load current (see Figure 7 and Figure 8).
Fig 6.
External PNP transistor control circuit
UJA107x
VEXCTRL
V1
VEXCC
015aaa098
BAT
battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com