Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1076 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 25Page - NXP Semiconductors UJA1076 Datasheet HTML 26Page - NXP Semiconductors UJA1076 Datasheet HTML 27Page - NXP Semiconductors UJA1076 Datasheet HTML 28Page - NXP Semiconductors UJA1076 Datasheet HTML 29Page - NXP Semiconductors UJA1076 Datasheet HTML 30Page - NXP Semiconductors UJA1076 Datasheet HTML 31Page - NXP Semiconductors UJA1076 Datasheet HTML 32Page - NXP Semiconductors UJA1076 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
29 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
9.
Static characteristics
Table 10.
Static characteristics
Tvj = −40 °C to +150 °C; VBAT = 4.5 V to 28 V; VBAT > VV1; VBAT > VV2; R(CANH-CANL) = 45 Ω to 65 Ω; all voltages are defined
with respect to ground; positive currents flow in the IC; typical values are given at VBAT = 14 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply; pin BAT
VBAT
battery supply voltage
4.5
-
28
V
IBAT
battery supply current
MC = 00 (Standby; V1 on, V2 off)
STBCC = 1 (CAN wake-up enabled)
WIC1 = WIC2 = 11 (WAKE interrupts
enabled); 7.5 V < VBAT <28V
IV1 =0mA; VRSTN = VSCSN =VV1
VTXDC = VV1; VSDI =VSCK =0V
Tvj = −40 °C
-
82
97
μA
Tvj =25°C
-
75
87
μA
Tvj =150 °C
-
67
79
μA
MC = 01 (Sleep; V1 off, V2 off)
STBCC = 1 (CAN wake-up enabled)
WIC1 = WIC2 = 11 (WAKE interrupts
enabled); 7.5 V < VBAT <28V; VV1 =0V
Tvj = −40 °C
-
59
70
μA
Tvj =25°C
-
55
64
μA
Tvj =150 °C
-
50
57
μA
contributed by CAN wake-up receiver
STBCC = 1; VCANH =VCANL =2.5 V
5.5 V < VBAT <28 V
16
13
μA
contributed by WAKE pin edge
detectors;
WIC1 = WIC2 = 11
VWAKE1 =VWAKE2 =VBAT
05
10
μA
IBAT(add)
additional battery supply
current
5.1 V < VBAT <7.5 V
-
-
50
μA
4.5 V < VBAT <5.1 V
V1 on (5 V version)
--
3
mA
V2 on; MC = 11
V2UIE = 1; IV2 = 0 mA
100
-
950
μA
CAN Active mode (recessive)
STBCC = 0; MC = 1x; VTXDC =VV1
ICANH = ICANL = 0 mA
5.5 V < VBAT <28 V
--
10
mA
CAN active (dominant)
STBCC = 0; MC = 1x; VTXDC =0V
R(CANH-CANL) =45 Ω
5.5 V < VBAT <28 V
--
70
mA
Vth(det)pon
power-on detection threshold
voltage
4.5
-
5.5
V
Vth(det)poff
power-off detection threshold
voltage
4.25
-
4.5
V
Vhys(det)pon
power-on detection
hysteresis voltage
200
-
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com