Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1076 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 33Page - NXP Semiconductors UJA1076 Datasheet HTML 34Page - NXP Semiconductors UJA1076 Datasheet HTML 35Page - NXP Semiconductors UJA1076 Datasheet HTML 36Page - NXP Semiconductors UJA1076 Datasheet HTML 37Page - NXP Semiconductors UJA1076 Datasheet HTML 38Page - NXP Semiconductors UJA1076 Datasheet HTML 39Page - NXP Semiconductors UJA1076 Datasheet HTML 40Page - NXP Semiconductors UJA1076 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
37 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
[1]
A system reset will be performed if the watchdog is in Window mode and is triggered less than ttrig(wd)1 after the start of the watchdog
period (or in the first half of the watchdog period).
[2]
The nominal watchdog period is programmed via the NWP control bits in the WD_and_Status register (see Table 4); valid in watchdog
Window mode only.
[3]
The watchdog will be reset if it is in window mode and is triggered at least ttrig(wd)1, but not more than ttrig(wd)2, after the start of the
watchdog period (or in the second half of the watchdog period). A system reset will be performed if the watchdog is triggered more than
ttrig(wd)2 after the start of the watchdog period (watchdog overflows).
Oscillator
fosc
oscillator frequency
460.8
512
563.2
kHz
Table 11.
Dynamic characteristics …continued
Tvj = −40 °C to +150 °C; VBAT = 4.5 V to 28 V; VBAT > VV1; VBAT > VV2; R(CANH-CANL) = 45 Ω to 65 Ω; all voltages are defined
with respect to ground; positive currents flow in the IC; typical values are given at VBAT = 14 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 15. Timing test circuit for CAN transceiver
SBC
BAT
CANL
CANH
TXDC
RCANH − RCANL
RXDC
CRXDC
GND
CCANH − CCANL
015aaa079



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com