Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1076 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # UJA1076
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button UJA1076 Datasheet HTML 34Page - NXP Semiconductors UJA1076 Datasheet HTML 35Page - NXP Semiconductors UJA1076 Datasheet HTML 36Page - NXP Semiconductors UJA1076 Datasheet HTML 37Page - NXP Semiconductors UJA1076 Datasheet HTML 38Page - NXP Semiconductors UJA1076 Datasheet HTML 39Page - NXP Semiconductors UJA1076 Datasheet HTML 40Page - NXP Semiconductors UJA1076 Datasheet HTML 41Page - NXP Semiconductors UJA1076 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
UJA1076_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
38 of 47
NXP Semiconductors
UJA1076
High-speed CAN core system basis chip
Fig 16. CAN transceiver timing diagram
CANH
CANL
td(TXDC-busdom)
TXDC
VO(dif)bus
RXDC
HIGH
HIGH
LOW
LOW
dominant
recessive
0.9 V
0.5 V
td(busdom-RXDC)
td(TXDC-busrec)
td(busrec-RXDC)
td(TXDCH-RXDCH)
td(TXDCL-RXDCL)
015aaa151
Fig 17. SPI timing diagram
015aaa045
SCS
SCK
SDI
SDO
X
X
X
MSB
LSB
MSB
LSB
tv(Q)
floating
floating
th(D)
tsu(D)
tclk(L)
tclk(H)
tSPILEAD
Tcy(clk)
tSPILAG
tWH(S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com