Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 25Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 26Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 27Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 28Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 29Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 230 page
background image
General Description
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Description
Figure 1-3. EPO Oscillator Connections
1.7.1 Crystal Oscillator
The circuit in Figure 1-3 (a) shows a typical oscillator circuit for an AT-
cut, parallel resonant crystal. The crystal manufacturer’s
recommendations should be followed, as the crystal parameters
determine the external component values required to provide maximum
stability and reliable startup. The load capacitance values used in the
oscillator circuit design should include all stray capacitances. The crystal
and components should be mounted as close as possible to the pins for
startup stabilization and to minimize output distortion. An internal startup
resistor of approximately 2 M
Ω can be provided between OSC1 and
OSC2 for the crystal type oscillator by use of the OSCRES bit in the
MOR.
NOTE:
In general, a 32-kHz crystal is not recommended for use with the
MC68HC705JJ7/MC68HC705JP7 unless specifically indicated by the
crystal manufacturer.
1.7.2 Ceramic Resonator Oscillator
In cost-sensitive applications, a ceramic resonator can be used in place
of the crystal. The circuit in Figure 1-3 (a) can be used for a ceramic
resonator. The resonator manufacturer’s recommendations should be
followed, as the resonator parameters determine the external
component values required for maximum stability and reliable starting.
MCU
(a) Crystal or
Ceramic Resonator
Connections
OSC1
OSC2
2 M
Ω
R
UNCONNECTED
EXTERNAL CLOCK
(b) RC Oscillator
Connections
(c) External
Clock Source
Connection
OSC1
OSC2
MCU
OSC1
OSC2
MCU
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com