| Electronic Components Datasheet Search |
|
68HC705SP7 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc |
|
62 / 230 page ![]() Resets General Release Specification MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 Resets 5.5 Internal Resets The four internally generated resets are the initial power-on reset function, the COP watchdog timer reset, the low-voltage reset, and the illegal address detector. Only the COP watchdog timer reset, low- voltage reset, and illegal address detector will also assert the pulldown device on the RESET pin for the duration of the reset function or for three to four internal bus cycles, whichever is longer. 5.5.1 Power-On Reset (POR) The internal POR is generated on power-up to allow the clock oscillator to stabilize. The POR is strictly for power turn-on conditions and is not able to detect a drop in the power supply voltage (brown-out); that function can be performed by the LVR. Depending on the DELAY bit in the mask option register (MOR), there is an oscillator stabilization delay of 16 or 4064 internal bus cycles after the LPO becomes active. The POR will generate the RST signal which will reset the CPU. If any other reset function is active at the end of the 16 or 4064 cycle delay, the RST signal will remain in the reset condition until the other reset condition(s) end. POR will not activate the pulldown device on the RESET pin. VDD must drop below VPOR for the internal POR circuit to detect the next rise of VDD. 5.5.2 Computer Operating Properly (COP) Reset A timeout of the COP watchdog generates a COP reset. The COP watchdog is part of a software error detection system and must be cleared periodically to start a new timeout period. To clear the COP watchdog and prevent a COP reset, write a logic zero to the COPC bit of the COP register at location $1FF0. The COP register, shown in Figure 5-2, is a write-only register that returns the contents of EPROM location $1FF0 when read. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |