Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 230 page
background image
Resets
Reset States
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Resets
5.6.7 Analog Subsystem
A reset has the following effects on the analog subsystem:
•
Clears all the bits in the multiplex register (AMUX) bits except the
hold switch bit (HOLD) which is set
•
Clears all the bits in the analog control register (ACR)
•
Clears all the bits in the analog status register (ASR)
A reset, therefore, connects the negative input of comparator 2 to the
channel selection bus, which is switched to VSS. Both comparators are
set up as non-inverting (a higher positive voltage on the positive input
results in a positive output) and both are powered down. The current
source and discharge device on the PB0/AN0 pin is disabled and
powered down. Any analog subsystem interrupt flags are cleared and
the analog interrupt is disabled. Direct drive by comparator 1 to the PB4
pin and the voltage offset to the sample capacitor are disabled (if both
are enabled by the OPT bit being set in the MOR).
5.6.8 External Oscillator and Internal Low-Power Oscillator
A reset presets the oscillator select bits (OM1 and OM2) in the interrupt
status and control register (ISCR) such that the device runs from the
internal oscillator (OM1 = 0, OM2 = 1) which has the following effects on
the oscillators:
•
The internal low-power oscillator is enabled and selected
•
The external oscillator is disabled
•
The CPU bus clock is driven from the internal low-power oscillator
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com