Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 230 page
background image
Parallel Input/Output
Port A
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Parallel Input/Output
Figure 7-4. Port A I/O Circuit
PAx
EXTERNAL
INTERRUPT
REQUEST
PORT A DATA
REGISTER
BIT PAx
READ $0004
WRITE $0000
READ $0000
WRITE $0010
PULLDOWN
DEVICE
RESET
HIGH SINK/SOURCE
CURRENT
WRITE $0004
DATA DIRECTION
REGISTER A
BIT DDRAx
PULLDOWN
REGISTER A
BIT PDIAx
R
R
MASK OPTION REGISTER ($1FF1)
CAPABILITY
(PA0:3)
Table 7-1. Port A Pin Functions
Port A
Pin(s)
SWPDI
(in MOR)
Port A
PORTA Access
(Pin or Data Register)
Result on
Port A Pins
PDIAx
DDRAx*
Read
Write
Pulldown
Pin
PA0
PA1
PA2
PA3
PA4
PA5
0
0
0
Pin
Data
On
PAx In
0
1
0
Pin
Data
Off
PAx In
1
X
0
Pin
Data
Off
PAx In
X
X
1
Data
Data
Off
PAx Out
* DDRA can always be read or written.
X = Don’t care
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com