Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 230 page
background image
Interrupts
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Interrupts
4.8 Programmable Timer Interrupts
The 16-bit programmable timer can generate an interrupt whenever the
following events occur:
•
Input capture
•
Output compare
•
Timer counter overflow
Setting the I bit in the condition code register disables timer interrupts.
The controls for these interrupts are in the timer control register (TCR)
located at $0012 and in the status bits in the timer status register (TSR)
located at $0013.
4.8.1 Input Capture Interrupt
An input capture interrupt occurs if the input capture flag (ICF) becomes
set while the input capture interrupt enable bit (ICIE) is also set. The ICF
flag bit is in the TSR, and the ICIE enable bit is located in the TCR. The
ICF flag bit is cleared by a read of the TSR with the ICF flag bit set, and
then followed by a read of the LSB of the input capture register (ICRL)
or by reset. The ICIE enable bit is unaffected by reset.
4.8.2 Output Compare Interrupt
An output compare interrupt occurs if the output compare flag (OCF)
becomes set while the output compare interrupt enable bit (OCIE) is also
set. The OCF flag bit is in the TSR and the OCIE enable bit is in the TCR.
The OCF flag bit is cleared by a read of the TSR with the OCF flag bit
set, and then followed by an access to the LSB of the output compare
register (OCRL) or by reset. The OCIE enable bit is unaffected by reset.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com