Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 93Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 94Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 95Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 96Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 97Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 98Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 99Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 100Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 230 page
background image
Parallel Input/Output
Port B
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Parallel Input/Output
When using the PB7/SCK pin, the following interactions must be noted:
1. If the SIOP function is required, then the SPE bit in the SCR must
be set. This causes the PB7/SCK pin buffer to be controlled by the
MSTR control bit in the SCR. The pulldown device is disabled in
these cases.
a.
If the MSTR bit is set, then the PB7/SCK pin buffer will be
enabled and driven by the serial data clock (SCK) from the
SIOP.
b.
If the MSTR bit is clear, then the PB7/SCK pin buffer will be
disabled, allowing the PB7/SCK pin to drive the serial data
clock (SCK) into the SIOP.
2. If the SIOP function is in control of the PB7/SCK pin, the DDRB7
and PB7 data register bits are still accessible to the CPU and can
be altered or read without affecting the SIOP functionality.
However, if the DDRB7 bit is cleared, reading the PB7 data
register will return the current state of the PB7/SCK pin.
3. If the SIOP function is terminated by clearing the SPE bit in the
SCR, then the last conditions stored in the DDRB7, PDIB7, and
PB7 register bits will then control the PB7/SCK pin.
4. If the PB7/SCK pin is to be a digital input, then both the SPE bit in
the SCR and the DDRB7 bit must be cleared. Depending on the
external application, the pulldown device may also be disabled by
setting the PDIB7 pulldown inhibit bit.
5. If the PB7/SCK pin is to be a digital output, then the SPE bit in the
SCR must be cleared and the DDRB7 bit must be set. The
pulldown device will be disabled when the pin is set as an output.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com