Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 230 page
background image
Resets
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Resets
5.6.5 16-Bit Programmable Timer
A reset has the following effects on the 16-bit programmable timer:
•
Initializes the timer counter registers (TMRH and TMRL) to a value
of $FFFC
•
Initializes the alternate timer counter registers (ACRH and ACRL)
to a value of $FFFC
•
Clears all the interrupt enables and the output level bit (OLVL) in
the timer control register (TCR)
•
Does not affect the input capture edge bit (IEDG) in the TCR
•
Does not affect the interrupt flags in the timer status register (TSR)
•
Does not affect the input capture registers (ICRH and ICRL)
•
Does not affect the output compare registers (OCRH and OCRL)
5.6.6 Serial Interface
A reset has the following effects on the serial interface:
•
Clears all bits in the SIOP control register (SCR)
•
Clears all bits in the SIOP status register (SSR)
•
Does not affect the contents of the SIOP data register (SDR)
A reset, therefore, disables the SIOP and leaves the shared port B pins
as general I/O. Any pending interrupt flag is cleared and the SIOP
interrupt is disabled. Also the baud rate defaults to the slowest rate.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com