Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 230 page
background image
Resets
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Resets
5.5.3 Low-Voltage Reset (LVR)
The LVR activates the RST reset signal to reset the device when the
voltage on the VDD pin falls below the LVR trip voltage. The LVR will
assert the pulldown device to pull the RESET pin low for three to four
cycles of the internal bus.
The LVR reset function can be enabled or disabled by programming the
LVREN bit in the MOR.
NOTE:
The LVR is intended for applications where the VDD supply voltage
normally operates above 4.5 volts.
5.5.4 Illegal Address Reset
An opcode fetch (execution of an instruction) at an address that is not in
the EPROM (locations $0700–$1FFF) or the RAM (locations
$0020–$00FF) generates an illegal address reset. The illegal address
reset will assert the pulldown device to pull the RESET pin low for three
to four cycles of the internal bus.
5.6 Reset States
The following paragraphs describe how the various resets initialize the
MCU.
5.6.1 CPU
A reset has the following effects on the CPU:
•
Loads the stack pointer with $FF
•
Sets the I bit in the condition code register, inhibiting interrupts
•
Loads the program counter with the user defined reset vector from
locations $1FFE and $1FFF
•
Clears the stop latch, enabling the CPU clock
•
Clears the wait latch, bringing the CPU out of the wait mode
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com