Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 33Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 34Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 230 page
background image
Memory
EPROM
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Memory
2.7 EPROM
The EPROM is located in two areas of the memory map:
•
Addresses $0700–$1EFF contain 6144 bytes of user EPROM.
•
Addresses $1FF0–$1FFF contain 16 bytes of EPROM reserved
for user vectors and COP and security register, and the mask
option register.
2.8 COP Register
As shown in Figure 2-6, a register location is provided at $1FF0 to set
the EPROM security1, select the optional features, and reset the COP
watchdog timer. The OPT bit controls the function of the PB4 port pin
and the availability to add an offset to any measured analog voltages.
See 8.5 Analog Status Register for more information
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the EPROM/OTPROM difficult for unauthorized users.
$1FF0
Bit 7
6
54321
Bit 0
Read:
EPMSEC
OPT
Write:
COPC
= Unimplemented
Figure 2-6. COP and Security Register (COPR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com