Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 230 page
background image
Resets
Power-On Reset
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Resets
5.3 Power-On Reset
A positive transition on the VDD pin generates a power-on reset. The
power-on reset is strictly for conditions during powering up and cannot
be used to detect drops in power supply voltage.
A delay of 16 or 4064 internal bus cycles (tCYC) after the oscillator
becomes active allows the clock generator to stabilize. If the RESET pin
is at logic zero at the end of this multiple tCYC time, the MCU remains in
the reset condition until the signal on the RESET pin goes to a logic one.
5.4 External Reset
A logic zero applied to the RESET pin for a minimum of one and one half
tcyc generates an external reset. This pin is connected to a Schmitt
trigger input gate to provide an upper and lower threshold voltage
separated by a minimum amount of hysteresis. The external reset
occurs whenever the RESET pin is pulled below the lower threshold and
remains in reset until the RESET pin rises above the upper threshold.
This active low input will generate the internal RST signal that resets the
CPU and peripherals.
The RESET pin can also be pulled to a low state by an internal pulldown
device that is activated by three internal reset sources. This RESET
pulldown device will only be asserted for three to four cycles of the
internal bus or as long as the internal reset source is asserted.
NOTE:
Do not connect the RESET pin directly to VDD, as this may overload
some power supply designs if the internal pulldown on the RESET pin
should activate. If an external reset function is not required, the RESET
pin should be left unconnected.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com