Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705SP7 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 230 page
background image
Interrupts
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Interrupts
4.5 Software Interrupt
The software interrupt (SWI) instruction causes a non-maskable
interrupt.
4.6 External Interrupts
These sources can generate external interrupts:
•
IRQ/VPP pin
•
PA3–PA0 pins
Setting the I bit in the condition code register or clearing the IRQE bit in
the interrupt status and control register disables these external
interrupts.
4.6.1 IRQ/VPP Pin
An interrupt signal on the IRQ/VPP pin latches an external interrupt
request. To help clean up slow edges, the input from the IRQ/VPP pin is
processed by a Schmitt trigger gate. When the CPU completes its
current instruction, it tests the IRQ latch. If the IRQ latch is set, the CPU
then tests the I bit in the condition code register and the IRQE bit in the
IRQ status and control register (ISCR). If the I bit is clear and the IRQE
bit is set, then the CPU begins the interrupt sequence. The CPU clears
the IRQ latch while it fetches the interrupt vector, so that another
external interrupt request can be latched during the interrupt service
routine. As soon as the I bit is cleared during the return from interrupt,
the CPU can recognize the new interrupt request. Figure 4-3 shows the
logic for external interrupts.
NOTE:
If the IRQ/VPP pin is not in use, it should be connected to the VDD pin.
The IRQ/VPP pin can be negative edge-triggered only or negative edge-
and low level-triggered. External interrupt sensitivity is programmed with
the LEVEL bit in the mask option register (MOR).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com