| Electronic Components Datasheet Search |
|
68HC705SP7 Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc |
|
108 / 230 page ![]() Analog Subsystem General Release Specification MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 Analog Subsystem INV This is a read/write bit that controls the relative polarity of the inherent input offset voltage of the voltage comparators. This bit allows voltage comparisons to be made with both polarities and then averaged together by taking the sum of the two readings and then dividing by 2 (logical shift right). The polarity of the input offset is reversed by interchanging the internal voltage comparator inputs while also inverting the comparator output. This interchange does not alter the action of the voltage comparator output with respect to its port pins. That is, the output will only go high if the voltage on the positive input (PB2 pin for comparator 1 and PB0 pin for comparator 2) is above the voltage on the respective negative input (PB3 pin for comparator 1 and PB1 pin for comparator 2). This is shown schematically in Figure 8-4. This bit is cleared by a reset of the device. 1 = The voltage comparators are internally inverted. 0 = The voltage comparators are not internally inverted. Figure 8-4. INV Bit Action NOTE: The effect of changing the state of the INV bit is to only change the polarity of the input offset voltage. It does not change the output phase of the CPF1 or CPF2 flags with respect to the external port pins. V- V+ INV = 0 + COMP VIO - RISE WHEN V+ > V- INV = 1 V+ V- + COMP VIO - RISE WHEN V+ > V- Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |