| Electronic Components Datasheet Search |
|
68HC705SP7 Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc |
|
128 / 230 page ![]() Analog Subsystem General Release Specification MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 Analog Subsystem 8.7 Voltage Measurement Methods The methods for obtaining a voltage measurement can use software techniques to express these voltages as absolute or ratiometric readings. In most applications the external capacitor, the clock source, the reference voltage and the charging current may vary between devices and with changes in supply voltage or ambient temperature. All of these variations must be considered when determining the desired resolution of the measurement. The maximum and minimum extremes for the full scale count will be: NFSMIN = CEXTMIN x VFSMIN x fOSCMIN / (P x ICHGMAX) NFSMAX = CEXTMAX x VFSMAX x fOSCMAX / (P x ICHGMIN) The minimum count should be the desired resolution; and the counting mechanism must be capable of counting to the maximum. The final scaling of the count will be by a math routine which calculates: VX = VREF x (NX - NOFF) / (NREF - NOFF) Where: VREF = Known reference voltage VX = Unknown voltage between VSS and VREF NX = Conversion count for unknown voltage NREF = Conversion count for known reference voltage (VREF) NOFF = Conversion count for minimum reference voltage (VSS) When VREF is a stable voltage source such as a zener or other reference source, then the unknown voltage will be determined as an absolute reading. If VREF is the supply source to the device (VDD), then the unknown voltage will be determined as a ratio of VDD, or a ratiometric reading. If the unknown voltage applied to the comparator is greater than its common-mode range (VDD –1.5 volts), then the external capacitor will try to charge to the same level. This will cause both comparator inputs to be above the common-mode range and the output of the comparator will be indeterminate. In this case the comparator output flags may also be set even if the actual voltage on the positive input (+) is less than the Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |