| Electronic Components Datasheet Search |
|
68HC705SP7 Datasheet(PDF) 181 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 Datasheet(HTML) 181 Page - Freescale Semiconductor, Inc |
|
181 / 230 page ![]() EPROM/OTPROM EPROM Registers MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification EPROM/OTPROM Whenever the ELAT bit is cleared, the EPGM bit is also cleared. Both the EPGM and the ELAT bit cannot be set using the same write instruction. Any attempt to set both the ELAT and EPGM bit on the same write instruction cycle will result in the ELAT bit being set and the EPGM bit being cleared. To program a byte of EPROM, manipulate the EPROG register as follows: 1. Set the ELAT bit in the EPROG register. 2. Write the desired data to the desired EPROM address. 3. Set the EPGM bit in the EPROG register for the specified programming time, tEPGM. 4. Clear the ELAT and EPGM bits in the EPROG register. 13.3.2 Mask Option Register (MOR) The mask option register (MOR) shown in Figure 13-2 is an EPROM byte that controls eight mask options. The MOR is unaffected by reset. The erased state of the MOR is $00. The options that can be programmed by the MOR are: 1. Port software programmable pulldown devices (enable or disable) 2. Startup delay after stop (16 or 4064 cycles) 3. Oscillator shunt resistor (2 M or open) 4. STOP instruction (enable or disable) 5. Low-voltage reset (enable or disable) 6. Port A external interrupt function (enable or disable) 7. IRQ trigger sensitivity (edge-triggered only or both edge- and level-triggered) 8. COP watchdog (enable or disable) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |