Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM3725 Datasheet(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725
Description  Applications Processor
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725 Datasheet(HTML) 137 Page - Texas Instruments

Back Button DM3725 Datasheet HTML 133Page - Texas Instruments DM3725 Datasheet HTML 134Page - Texas Instruments DM3725 Datasheet HTML 135Page - Texas Instruments DM3725 Datasheet HTML 136Page - Texas Instruments DM3725 Datasheet HTML 137Page - Texas Instruments DM3725 Datasheet HTML 138Page - Texas Instruments DM3725 Datasheet HTML 139Page - Texas Instruments DM3725 Datasheet HTML 140Page - Texas Instruments DM3725 Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 268 page
background image
SWPS038-011
sys_clkout1
CO0
CO1
CO1
DM3730, DM3725
www.ti.com
SPRS685 – AUGUST 2010
Table 4-11. sys_clkout1 Output Clock Switching Characteristics (continued)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
tF(CLKOUT1)
Fall time, sys_clkout1
0.4(2) (4)
5(3)
ns
(1) The mode is configured by bits SC0 and SC1 of the IO cell. For more details, see the AM/DM37x Multimedia Device Technical
Reference Manual (SPRUGN4).
(2) At minimum load
(3) At maximum load (Maximum frequency 20 MHz)
(4) Caution: this creates EMI parasitics up to 1.2 ns
(5) X parameter corresponds to the input jitter contribution added at sys_xtalin input pin. For more information regarding the sys_xtalin input
jitter requirement, see Section 4.1.1.
Figure 4-6. sys_clkout1 Output Clock
4.2.2
sys_clkout2 Output Clock
Table 4-12 summarizes the sys_clkout2 ouput clock electrical characteristics.
Table 4-12. sys_clkout2 Output Clock Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency, sys_clkout2
sys_xtalin clock or core_dpll clock(1) or 54
MHz
MHz, 96 MHz(2)
CL
Load capacitance
2
22
pF
ZT
Transmission line impedance
30
70
Ω
LT
Transmission line length
1
6
cm
(1) Possible divider: 4, 8, or 16.
(2) Possible divider: 1, 2, 4, 8, or 16.
Table 4-13 details the sys_clkout2 ouput clock switching characteristics.
Table 4-13. sys_clkout2 Output Clock Switching Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CO0
1 / tc(CLKOUT2) Frequency, sys_clkout2
sys_xtalin clock or core_dpll clock(3) or 54
MHz
MHz, 96 MHz(4)
tc(xtalin)
Cycle time, sys_xtalin
1 / sys_xtalin
ns
(MHz)
tc(coredpll)
Cycle time, core_dpll (DPLL3) (7)
1 / core_dpll
ns
(MHz)
tc(54mhz)
Cycle time, 54MHz clock (DPLL4) (7)
18.52
ns
tc(96mhz)
Cycle time, 96MHz clock (DPLL4) (7)
10.42
ns
CO1
tw(CLKOUT2)
Pulse duration, sys_clkout2 low or high
0.49*tc(clkout
0.51*tc(clkout
ns
2)
2)
tJ
(5)
Peak-to-peak jitter
Source clock:
X%(6) *
ps
sys_xtalin
tc(xtalin) + 200
Source clock:
4% *
ps
core_dpll
tc(coredpll) +
200
Source clock: 54MHz
4% * tc(54mhz)
ps
+ 200
Source clock: 96MHz
4% * tc(96mhz)
ps
+ 200
tR(CLKOUT2)
Rise time, sys_clkout2
1.5(1)
5(2)
ns
Copyright © 2010, Texas Instruments Incorporated
Clock Specifications
137
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com