Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661 Datasheet(PDF) 46 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 46 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 42Page - Semtech Corporation SX8661 Datasheet HTML 43Page - Semtech Corporation SX8661 Datasheet HTML 44Page - Semtech Corporation SX8661 Datasheet HTML 45Page - Semtech Corporation SX8661 Datasheet HTML 46Page - Semtech Corporation SX8661 Datasheet HTML 47Page - Semtech Corporation SX8661 Datasheet HTML 48Page - Semtech Corporation SX8661 Datasheet HTML 49Page - Semtech Corporation SX8661 Datasheet HTML 50Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
46
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
5.2
General Parameters
General Parameters
Address
Name
Bits
Description
7
Reserved (0x00).
0x04
I2CAddress
6:0
Defines the I2C address.
The I2C address will be active after a reset.
Default: 0x2B
0x05
ActiveScanPeriod 7:0
Defines Active Mode Scan Period (Figure 8).
0x00: Reserved
0x01: 15ms
0x02: 30ms
…
0xFF: 255 x 15ms
Default: 0x02
0x06
DozeScanPeriod
7:0
Defines Doze Mode Scan Period (Figure 8).
0x00: Reserved
0x01: 15ms
…
0x0D: 195ms
…
0xFF: 255 x 15ms
Default: 0x0D
0x07
PassiveTimer
7:0
Defines Passive Timer on Button Information (Figure 9).
0x00: OFF
0x01: 1 second
…
0xFF: 255 seconds
Default: 0x00
0x08
Reserved
7:0
Reserved (0x00)
Table 14
General Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com