Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661 Datasheet(PDF) 53 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 53 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 49Page - Semtech Corporation SX8661 Datasheet HTML 50Page - Semtech Corporation SX8661 Datasheet HTML 51Page - Semtech Corporation SX8661 Datasheet HTML 52Page - Semtech Corporation SX8661 Datasheet HTML 53Page - Semtech Corporation SX8661 Datasheet HTML 54Page - Semtech Corporation SX8661 Datasheet HTML 55Page - Semtech Corporation SX8661 Datasheet HTML 56Page - Semtech Corporation SX8661 Datasheet HTML 57Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
53
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
5.5
Button Parameters
Button Parameters
Address
Name
Bits Description
7:6 Defines the buttons and proximity events reporting method on I2C, AOI, GPO,
Buzzer (see Table 21 for details).
00: All
01: Single (default)
10: Strongest
11: Reserved
5:4 Defines the buttons interrupt (for all buttons and proximity).
00 : Interrupts masked
01 : Triggered on Touch
10 : Triggered on Release
11 : Triggered on Touch and Release (default)
3
Defines the number of samples at the scan period for determining a release of a
button.
00 : no debounce, use incoming sample (default)
01 : 2 samples debounce
10 : 3 samples debounce
11 : 4 samples debounce
0x22
BtnCfg
2:0 Defines the number of samples at the scan period for determining a touch of a
button.
00 : no debounce, use incoming sample (default)
01 : 2 samples debounce
10 : 3 samples debounce
11 : 4 samples debounce
0x23
BtnAvgThresh
7:0 Defines the positive threshold for disabling the processing filter averaging (one
value for all buttons and proximity).
If ticks are above the threshold, then the averaging is suspended.
0x00: 0
0x01: 4
…
0x50: 320 (default)
…
0xFF: 1020
0x24
BtnCompNegThresh
7:0 Defines the negative offset compensation threshold (one value for all buttons and
proximity).
0x00: 0
0x01: 4
…
0xA0: 640 (default)
…
0xFF: 1020
0x25
BtnCompNegCntMax
7:0 Defines the number of ticks (below the negative offset compensation threshold)
which will initiate an offset compensation (one value for all buttons and proximity).
0x00: reserved
0x01: 1 sample (default)
…
0xFF: 255 samples
0x26
BtnHysteresis
7:0 Defines the button hysteresis corresponding to a percentage of the CAP
thresholds (defined in Table 15).
All buttons use the same hysteresis.
0x00: 0%
0x01: 1%
…
0x0A: 10% (default)
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com