Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 11Page - Semtech Corporation SX8661 Datasheet HTML 12Page - Semtech Corporation SX8661 Datasheet HTML 13Page - Semtech Corporation SX8661 Datasheet HTML 14Page - Semtech Corporation SX8661 Datasheet HTML 15Page - Semtech Corporation SX8661 Datasheet HTML 16Page - Semtech Corporation SX8661 Datasheet HTML 17Page - Semtech Corporation SX8661 Datasheet HTML 18Page - Semtech Corporation SX8661 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
15
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
are buttons, which GPIO is used for outputs, for the Analog Output Interfaces, the Buzzer or LEDs and which
GPIO is mapped to which button.
Sensitivity and detection thresholds of the sensors are part of these parameters. Assuming that overlay material
and sensors areas are identical then the sensitivities and thresholds will be the same for each sensor. In case
sensors are not of the same size then sensitivities or thresholds might be chosen individually per sensor.
So a smaller size sensor can have a larger sensitivity while a big size sensor may have the lower sensitivity.
3.2.6
Configuration
During a development phase the parameters can be determined and fine tuned by the users and downloaded
over the I2C in a dynamic way. The parameter set can be downloaded over the I2C by the host each time the
SX8661 boots up. This allows a flexible way of setting the parameters at the expense of I2C occupation.
In case the parameters are frozen they can be programmed in Multiple Time Programmable (MTP) Non Volatile
Memory (NVM) on the SX8661. The programming needs to be done once (over the I2C). The SX8661 will then
boot up from the NVM and additional parameters from the host are not required anymore.
In case the host desires to overwrite the boot-up NVM parameters (partly or even complete) this can be done by
additional I2C communications.
3.3
Scan Period
The basic operation Scan period of the SX8661 sensing interface can be split into three periods over time.
In the first period (Sensing) the SX8661 is sensing all enabled CAP inputs, from CAP0 towards CAP7.
In the second period (Processing) the SX8661 processes the sensor data, verifies and updates the GPIO and the
I2C.
In the third period (Timer) the SX8661 is set in a low power mode and waits until a new cycle starts.
Figure 8 shows the different SX8661 periods over time.
Figure 8
Scan Period
The scan period determines the minimum reaction time of the SX8661. The scan period can be configured by the
host from 15ms to values larger than a second.
The reaction time is defined as the interval between a touch on the sensor and the moment that the SX8661
generates the interrupt on the INTB pin. The shorter the scan period the faster the reaction time will be.
Very low power consumptions can be obtained by setting very long scan periods with the expense of having
longer reaction times.
All external events like GPIO, I2C and the interrupt are updated in the processing period, so once every scan
period.
3.4
Operation modes
The SX8661 has 3 operation modes. The main difference is found in the reaction time (corresponding to the scan
period) and power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com