Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661 Datasheet(PDF) 47 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 47 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 43Page - Semtech Corporation SX8661 Datasheet HTML 44Page - Semtech Corporation SX8661 Datasheet HTML 45Page - Semtech Corporation SX8661 Datasheet HTML 46Page - Semtech Corporation SX8661 Datasheet HTML 47Page - Semtech Corporation SX8661 Datasheet HTML 48Page - Semtech Corporation SX8661 Datasheet HTML 49Page - Semtech Corporation SX8661 Datasheet HTML 50Page - Semtech Corporation SX8661 Datasheet HTML 51Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
47
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
5.3
Capacitive Sensors Parameters
Capacitive Sensors Parameters
Address
Name
Bits Description
7:3 Reserved (0x00)
0x09
CapModeMisc
2:0 IndividualSensitivity Defines common sensitivity for all sensors or individual sensor
sensitivity.
000: Common sensitivity settings (CapSensitivity0_1[7:4])
100: Individual sensitivity settings (CapSensitivityx_x) (default)
Else : Reserved
0x0A
Reserved
7:0 Reserved (0x00)
7:6 CAP7 Mode
Default Button
5:4 CAP6 Mode
Default Button
3:2 CAP5 Mode
Default Button
0x0B
CapMode7_4
1:0 CAP4 Mode
Default Button
7:6 CAP3 Mode
Default Button
5:4 CAP2 Mode
Default Button
3:2 CAP1 Mode
Default Button
0x0C
CapMode3_0
1:0 CAP0 Mode
Defines the mode of the CAP pin.
00: Disabled
01: Button
10: Reserved
11: Proximity (CAP0),
Reserved (CAP6,..CAP1)
Default: 0x5557
Default Proximity
7:4 CAP0 Sensitivity - Common Sensitivity
0x0D
CapSensitivity0_1
3:0 CAP1 Sensitivity
7:4 CAP2 Sensitivity
0x0E
CapSensitivity2_3
3:0 CAP3 Sensitivity
7:4 CAP4 Sensitivity
0x0F
CapSensitivity4_5
3:0 CAP5 Sensitivity
7:4 CAP6 Sensitivity
0x10
CapSensitivity6_7
3:0 CAP7 Sensitivity
Defines the sensitivity.
0x0: Minimum
0x1: 1
…
0x7: Maximum
0x8..0xF: Reserved
Default CapSensitivity0_1: 0x72
Default CapSensitivity2_3: 0x22
Default CapSensitivity4_5: 0x22
Default CapSensitivity6_7: 0x22
0x11
Reserved
7:0 Reserved (0x00)
0x12
Reserved
7:0 Reserved (0x00)
0x13
CapThresh0
7:0 CAP0 Touch Threshold
0x14
CapThresh1
7:0 CAP1 Touch Threshold
0x15
CapThresh2
7:0 CAP2 Touch Threshold
0x16
CapThresh3
7:0 CAP3 Touch Threshold
0x17
CapThresh4
7:0 CAP4 Touch Threshold
0x18
CapThresh5
7:0 CAP5 Touch Threshold
0x19
CapThresh6
7:0 CAP6 Touch Threshold
0x1A
CapThresh7
7:0 CAP7 Touch Threshold
Defines the Touch Threshold ticks.
0x00: 0,
0x01: 4,
…
0xA0: 640 (default),
…
0xFF: 1020
7:4 Reserved (0x00)
0x1B
CapPerComp
3:0 Periodic Offset Compensation
Defines the periodic offset compensation.
0x0: OFF (default)
0x1: 1 second
0x2: 2 seconds
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com