Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661 Datasheet(PDF) 71 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 71 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 67Page - Semtech Corporation SX8661 Datasheet HTML 68Page - Semtech Corporation SX8661 Datasheet HTML 69Page - Semtech Corporation SX8661 Datasheet HTML 70Page - Semtech Corporation SX8661 Datasheet HTML 71Page - Semtech Corporation SX8661 Datasheet HTML 72Page - Semtech Corporation SX8661 Datasheet HTML 73Page - Semtech Corporation SX8661 Datasheet HTML 74Page - Semtech Corporation SX8661 Datasheet HTML 75Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
71
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
6.4
Status Registers
Address
Name
Bits
Description
7
Reserved
6
NVM burn interrupt flag
5
SPM write interrupt flag
4
Reserved
3
Reserved
2
Buttons/Proximity interrupt flag
1
Compensation interrupt flag
0x00
IrqSrc
0
Operating Mode interrupt flag
Interrupt source flags
0: Inactive (default)
1: Active
INTB goes low if any of
these bits is set.
More than one bit can be
set.
Reading IrqSrc clears it
together with INTB.
Table 28
Interrupt Source
The delay between the actual event and the flags indicating the interrupt source may be one scan period.
IrqSrc[6] is set once NVM burn procedure is completed.
IrqSrc[5] is set once SPM write is effective.
IrqSrc[2] is set if a Button/Proximity event occurred (touch or release if enabled). CapStatLsb show the detailed
status of the Buttons.
IrqSrc[1] is set once compensation procedure is completed either through automatic trigger or via host request.
IrqSrc[0] is set when actually entering Active or Doze mode via host request. CompOpmode shows the current
operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com