Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661 Datasheet(PDF) 27 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 23Page - Semtech Corporation SX8661 Datasheet HTML 24Page - Semtech Corporation SX8661 Datasheet HTML 25Page - Semtech Corporation SX8661 Datasheet HTML 26Page - Semtech Corporation SX8661 Datasheet HTML 27Page - Semtech Corporation SX8661 Datasheet HTML 28Page - Semtech Corporation SX8661 Datasheet HTML 29Page - Semtech Corporation SX8661 Datasheet HTML 30Page - Semtech Corporation SX8661 Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
27
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
3.16 Interrupt
3.16.1 Power up
During power up the INTB is kept low. Once the power up sequence is terminated the INTB is cleared
autonomously. The SX8661 is then ready for operation. The AOI levels are updated at the latest one scan period
after the rising edge of INTB.
Figure 23
Power Up vs. INTB
During the power on period the SX8661 stabilizes the internal regulators, RC clocks and the firmware initializes all
registers.
During the power up the SX8661 is not accessible and I2C communications are forbidden. The GPIOs set as
inputs with a pull up resistor.
As soon as the INTB rises the SX8661 will be ready for I2C communication. The GPIOs are then configured
according the parameters in the SPM.
The value of INTB before power up depends on the INTB pull up resistor supply voltage.
3.16.2 Assertion
INTB is updated in Active or Doze mode once every scan period.
The INTB will be asserted at the following events:
• if a Button event occurred (touch or release if enabled). I2C register CapStatLsb show the detailed status of
the Buttons,
• when actually entering Active or Doze mode via a host request (may be delayed by 1 scan period). I2C
register CompOpmode shows the current operation mode,
• once compensation procedure is completed either through automatic trigger or via host request (may be
delayed by 1 scan period),
• once SPM write is effective (may be delayed by 1 scan period),
• once NVM burn procedure is completed (may be delayed by 1 scan period),
• during reset (power up, hardware RESETB, software reset).
3.16.3 Clearing
The clearing of the INTB is done as soon as the host performs a read to any of the SX8661 I2C registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com