Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 20Page - Semtech Corporation SX8661 Datasheet HTML 21Page - Semtech Corporation SX8661 Datasheet HTML 22Page - Semtech Corporation SX8661 Datasheet HTML 23Page - Semtech Corporation SX8661 Datasheet HTML 24Page - Semtech Corporation SX8661 Datasheet HTML 25Page - Semtech Corporation SX8661 Datasheet HTML 26Page - Semtech Corporation SX8661 Datasheet HTML 27Page - Semtech Corporation SX8661 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
24
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
3.11 Processing
The first processing step of the raw ticks, coming out of the ASI, is low pass filtering to obtain an estimation of the
average capacitance: tick-ave (see Figure 19).
This slowly varying average is important in the detection of slowly changing environmental changes.
ticks (raw)
compensation DCV
ASI
processing
low pass
tick-diff
tick-ave
processing
GPIO
controller
PWM LED
controller
I2C
SPM
Figure 19
Processing
The difference of the tick average and the raw ticks, tick-diff, is a good estimation of rapid changing input
capacitances.
The tick-diff, tick-ave and the configuration parameters in the SPM are then processed and determines the sensor
information, I2C registers status and PWM control.
3.12 Configuration
Figure 20 shows the building blocks used for configuring the SX8661.
Figure 20
Configuration
The default configuration parameters of the SX8661 are stored in the Quick Start Memory (QSM). This
configuration data is setup to a very common application for the SX8661 with 8 buttons. Without any programming
or host interaction the SX8661 will start up in the Quick Start Application.
The QSM settings are fixed and cannot be changed by the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com