Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 4Page - Semtech Corporation SX8661 Datasheet HTML 5Page - Semtech Corporation SX8661 Datasheet HTML 6Page - Semtech Corporation SX8661 Datasheet HTML 7Page - Semtech Corporation SX8661 Datasheet HTML 8Page - Semtech Corporation SX8661 Datasheet HTML 9Page - Semtech Corporation SX8661 Datasheet HTML 10Page - Semtech Corporation SX8661 Datasheet HTML 11Page - Semtech Corporation SX8661 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
8
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
2
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings
Stresses above the values listed in “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these, or any other conditions beyond the “Recommended
Operating Conditions”, is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability
.
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage
VDD
-0.5
3.9
V
Input voltage (non-supply pins)
VIN
-0.5
3.9
V
Input current (non-supply pins)
IIN
10
mA
Operating Junction Temperature
TJCT
125
°C
Reflow temperature
TRE
260
°C
Storage temperature
TSTOR
-50
150
°C
ESD HBM (Human Body model)
(i)
ESDHBM
3
kV
Latchup
(ii)
ILU
± 100
mA
Table 2
Absolute Maximum Ratings
(i) Tested to JEDEC standard JESD22-A114
(ii) Tested to JEDEC standard JESD78
2.2
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage
VDD
2.7
3.6
V
Supply Voltage Drop
(iii, iv, v)
VDDdrop
100
mV
Supply Voltage for NVM programming
VDD
3.0
3.6
V
Ambient Temperature Range
TA
-40
85
°C
Table 3
Recommended Operating Conditions
(iii) Performance for 2.6V < VDD < 2.7V might be degraded.
(iv) Operation is not guaranteed below 2.6V. Should VDD briefly drop below this minimum value, then the SX8661 may
require;
- a hardware reset issued by the host using the RESETB pin
- a software reset issued by the host using the I2C interface
(v) In the event the host processor is reset or undergoes a power OFF/ON cycle, it is recommended that the host also resets
the SX8661 and assures that parameters are re-written into the SPM (should these differ to the parameters held in NVM).
2.3
Thermal Characteristics
Parameter
Symbol
Min.
Max.
Unit
Thermal Resistance - Junction to Ambient
(vi)
θJA
25
°C/W
Table 4
Thermal Characteristics
(vi) Static airflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com