| Electronic Components Datasheet Search |
|
SX8661 Datasheet(PDF) 57 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SX8661 Datasheet(HTML) 57 Page - Semtech Corporation |
|
57 / 88 page ![]() ADVANCED COMMUNICATIONS & SENSING DATASHEET Revision v3.2, January 2011 © 2011 Semtech Corp. www.semtech.com 57 SX8661 Low Power, Capacitive Button Touch and Proximity Controller (8 sensors) with LED Drivers and Analog Output CapThreshold + CapThreshold * hysteresis. A release is detected if the ticks are getting smaller as the value defined by: CapThreshold - CapThreshold * hysteresis. BtnStuckAtTimeout The stuckat timer can avoid sticky buttons. If the stuckat timer is set to one second then the touch of a finger will last only for one second and then a compensation will be performed and button hence considered released, even if the finger remains on the button for a longer time. After the actual finger release the button can be touched again and will be reported as usual. In case the stuckat timer is not required it can be set to zero. BtnStrongestHysteresis This parameter defines the hysteresis value for the adjacent button filtering engine. This parameter is only valid when BtnCfg has been configured to report the strongest touch. When the SX8661 device has been configured to report the strongest touch, a situation may arise where the CAP signals of two sensors are of approximately equal value. Environmental noise can cause the signals of these two sensors to fluctuate as shown in Figure 55 (b). As a result of that, the output of the SX8661 device would also change very quickly as each of the two sensors becomes the sensor with the strongest touch value. To eliminate this jitter, the SX8661 device adds a hysteresis element to the calculation of the strongest touch sensor. In that respect, the strongest CAP sensor is calculated as the sensor whose value is greater that the second detected strongest CAP sensor by the Strongest hysteresis amount. For example, as shown in Figure 55, the strongest CAP sensor is initially CAP0 (Figure 55 (b)). CAP1 becomes the strongest detected touch only if at some point in time the following holds true: CAP1 signal = CAP0 signal + StrongestHysteresis Similarly, if CAP2 is now also touched, it will only become the strongest detected touch if: CAP2 signal = CAP1 signal + StrongestHysteresis. BtnLongPressTimer Figure 55 Strongest touch and Hysteresis (a) (b) Fluctuation Strongest Hysteresis CAP1 CAP0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |