Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 16Page - Semtech Corporation SX8661 Datasheet HTML 17Page - Semtech Corporation SX8661 Datasheet HTML 18Page - Semtech Corporation SX8661 Datasheet HTML 19Page - Semtech Corporation SX8661 Datasheet HTML 20Page - Semtech Corporation SX8661 Datasheet HTML 21Page - Semtech Corporation SX8661 Datasheet HTML 22Page - Semtech Corporation SX8661 Datasheet HTML 23Page - Semtech Corporation SX8661 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
20
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
Index
Width
Index
Width
Index
Width
Index
Width
Index
Width
Index
Width
Index
Width
Index
Width
15
16
47
48
79
80
111
112
143
144
175
176
207
208
239
240
16
17
48
49
80
81
112
113
144
145
176
177
208
209
240
241
17
18
49
50
81
82
113
114
145
146
177
178
209
210
241
242
18
19
50
51
82
83
114
115
146
147
178
179
210
211
242
243
19
20
51
52
83
84
115
116
147
148
179
180
211
212
243
244
20
21
52
53
84
85
116
117
148
149
180
181
212
213
244
245
21
22
53
54
85
86
117
118
149
150
181
182
213
214
245
246
22
23
54
55
86
87
118
119
150
151
182
183
214
215
246
247
23
24
55
56
87
88
119
120
151
152
183
184
215
216
247
248
24
25
56
57
88
89
120
121
152
153
184
185
216
217
248
249
25
26
57
58
89
90
121
122
153
154
185
186
217
218
249
250
26
27
58
59
90
91
122
123
154
155
186
187
218
219
250
251
27
28
59
60
91
92
123
124
155
156
187
188
219
220
251
252
28
29
60
61
92
93
124
125
156
157
188
189
220
221
252
253
29
30
61
62
93
94
125
126
157
158
189
190
221
222
253
254
30
31
62
63
94
95
126
127
158
159
190
191
222
223
254
255
31
32
63
64
95
96
127
128
159
160
191
192
223
224
255
256
Table 8 AOI Level index vs. PWM pulse width (normal polarity)
The AOI reports always one button. The AOI can be split over two GPIO pins (AOI-A, AOI-B). The AOI-A interface
is connected to pin GPIO7 and the AOI-B is connected to pin GPIO6. The user can map any button to either AOI-
A or AOI-B or both.
In case buttons are split to both AOI pins, multiple button touches are still resulting in one AOI reporting.
In most applications only one AOI pin will be selected. The two AOI pins allow the user a more coarse detection
circuitry at the host. Assuming a 3.3V supply and 8 buttons on one single AOI then the AOI levels could be
separated with around 0.3…0.4V. In case of using the two AOI pins, 4 buttons could be mapped on AOI-A
separated with around 0.8V (similar for 4 buttons on AOI-B) which step is about the double in case of a single
AOI.
In case of a single touch the reported button is straight forward (as in Figure 13).
If more than one button is touched the reported depends on the selected button reporting mode parameter (5.5).
Three reporting modes exist for the SX8661 (All, Single and Strongest).
The All reporting mode is applicable only for the I2C reporting (AOI is not available). In All-mode all buttons that
are touched are reported in the I2C buttons status bits.
In the Single-mode a single touched button will be reported on the AOI and the I2C. All touches that occur
afterwards will not be reported as long as the first touch sustains. Only when the first reported button is released
will the SX860 report another touch.
Figure 15 shows the Single-mode reporting in case of 2 touches occurring over time.
Figure 15
Single-mode reporting with 2 touches
At time t1 button0 is touched and reported on the AOI. At time t2 button1 is touched as well but not reported. At
time t3 the button0 is released and button1 will be reported immediately (or after one scan period at idle level).
At time t4 both buttons are released and the AOI reports the idle level.
The button with the lowest Cap pin index will be reported in case of a simultaneous touch (that means touches
occurring within the same scan period).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com