Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661 Datasheet(PDF) 70 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 70 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 66Page - Semtech Corporation SX8661 Datasheet HTML 67Page - Semtech Corporation SX8661 Datasheet HTML 68Page - Semtech Corporation SX8661 Datasheet HTML 69Page - Semtech Corporation SX8661 Datasheet HTML 70Page - Semtech Corporation SX8661 Datasheet HTML 71Page - Semtech Corporation SX8661 Datasheet HTML 72Page - Semtech Corporation SX8661 Datasheet HTML 73Page - Semtech Corporation SX8661 Datasheet HTML 74Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
70
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
6.3
I2C Registers Overview
Address
Name
R/W
Description
0x00
IrqSrc
read
Interrupt Source
0x01
Reserved
0x02
CapStat
read
Button Status
0x03
Reserved
0x04
Reserved
0x05
Reserved
0x06
Reserved
0x07
Reserved
0x08
SpmStat
read
SPM Status
0x09
CompOpMode
read/write
Compensation and
Operating Mode
0x0A
GpoCtrl
read/write GPO Control
0x0B
GppPinId
read/write GPP Pin Selection
0x0C
GppIntensity
read/write GPP Intensity
0x0D
SpmCfg
read/write SPM Configuration
0x0E
SpmBaseAddr
read/write SPM Base Address
0x0F
Reserved
0xAC
SpmKeyMsb
read/write SPM Key MSB
0xAD
SpmkeyLsb
read/write SPM Key LSB
0xB1
SoftReset
read/write Software Reset
Table 27 I2C Registers Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com