Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8661 Datasheet(PDF) 59 Page - Semtech Corporation

Part # SX8661
Description  Low Power, Capacitive Button Touch and Proximity Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8661 Datasheet(HTML) 59 Page - Semtech Corporation

Back Button SX8661 Datasheet HTML 55Page - Semtech Corporation SX8661 Datasheet HTML 56Page - Semtech Corporation SX8661 Datasheet HTML 57Page - Semtech Corporation SX8661 Datasheet HTML 58Page - Semtech Corporation SX8661 Datasheet HTML 59Page - Semtech Corporation SX8661 Datasheet HTML 60Page - Semtech Corporation SX8661 Datasheet HTML 61Page - Semtech Corporation SX8661 Datasheet HTML 62Page - Semtech Corporation SX8661 Datasheet HTML 63Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Revision v3.2, January 2011
© 2011 Semtech Corp.
www.semtech.com
59
SX8661
Low Power, Capacitive Button Touch and Proximity Controller
(8 sensors) with LED Drivers and Analog Output
5.6
Analog Output Interface Parameters
Analog Output
Interface (AOI) Parameters
Address
Name
Bits
Description
7:6
Reserved (0x00).
5:4
Defines AoiLevelDuringBuzzer (same for A&B).
0x00: AOI button level (default)
0x01: AOI Idle level
0x10: min level (0V)
0x11: max level( VDD)
3
Defines Aoi pwm period (same for A&B).
0: 0xFF (255) (default)
1: 0x3F (63)
0x2B
AoiCfg
2:0
Reserved (0x01)
Button[7]
Button[6]
Button[5]
0x2C
AoiBtnMapMsb
7:0
Button[4]
Button[3]
Button[2]
Button[1]
0x2D
AoiBtnMapLsb
7:0
Button[0] or Proximity
Maps a button touch to one of the two Analog Output
Interfaces (AOI-A / AOI-B), or both.
00 : None
01 : AOI-A (GPIO7)
10 : AOI-B (GPIO6)
11 : Both
Default: 0x5555, i.e. Btn[7..0] mapped on AOI-A
0x2E
AoiLevelBtn0
7:0
0x2F
AoiLevelBtn1
7:0
0x30
AoiLevelBtn2
7:0
0x31
AoiLevelBtn3
7:0
0x32
AoiLevelBtn4
7:0
0x33
AoiLevelBtn5
7:0
0x34
AoiLevelBtn6
7:0
0x35
AoiLevelBtn7
7:0
0x36
AoiLevelIdle
7:0
Defines the level index (cf Table 8) for Buttons, Idle or Proximity (for CAP0)
The level index should be smaller or equal to Aoi pwm period as defined in
AoiCfg[3].
0x00: 0
0x01: 1
…
0xFF: 255
Default AoiLevelBtn0: 0xFF
Default AoiLevelBtn1: 0x2E
Default AoiLevelBtn2: 0x45
Default AoiLevelBtn3: 0x5D
Default AoiLevelBtn4: 0x74
Default AoiLevelBtn5: 0x8B
Default AoiLevelBtn6: 0xA3
Default AoiLevelBtn7: 0xBA
Default AoiLevelIdle: 0xFF.
Table 22
AOI Parameters
AoiBtnMap
This register is used to map the available buttons to SWI-A, AOI-B or both. For example, to map buttons 0 to 3
and buttons 4 to 7 on AOI-B, write the following value to the AoiPwmBtnMap register
AoiCfg = 0xAA55;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com