Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIP4F8S Datasheet(PDF) 11 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 11 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 7Page - Fuji Electric FIP4F8S Datasheet HTML 8Page - Fuji Electric FIP4F8S Datasheet HTML 9Page - Fuji Electric FIP4F8S Datasheet HTML 10Page - Fuji Electric FIP4F8S Datasheet HTML 11Page - Fuji Electric FIP4F8S Datasheet HTML 12Page - Fuji Electric FIP4F8S Datasheet HTML 13Page - Fuji Electric FIP4F8S Datasheet HTML 14Page - Fuji Electric FIP4F8S Datasheet HTML 15Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AN-087E Rev.1.0
April-2011
11
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
CS pin source current (Ics)
vs. Junction Temperature (Tj)
-14
-13
-12
-11
-10
-9
-40 -20
0
20
40
60
80
100 120 140
Tj
(degree)
CS=0V
CS pin current (Ics) vs. CS pin voltage (Vcs)
-20
-10
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
Vcs (V)
FB=open
UVLO ON threshold voltage (Vccon)
vs. Junction Temperature (Tj)
14.0
14.2
14.4
14.6
14.8
15.0
15.2
15.4
15.6
15.8
16.0
-40 -20
0
20
40
60
80
100 120 140
Tj (degree)
CS pin source current (Ics)
vs. Junction Temperature (Tj)
-6
-5.5
-5
-4.5
-4
-3.5
-40 -20
0
20
40
60
80 100 120 140
Tj (degree)
CS=4V
CS pin current (Ics) vs. CS pin voltage (Vcs)
-20
-10
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
Vcs (V)
FB=3V
UVLO OFF threshold voltage (Vccoff)
vs. Junction Temperature (Tj)
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
-40 -20
0
20
40
60
80 100 120 140
Tj (degree)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com