Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIP4F8S Datasheet(PDF) 26 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 26 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 22Page - Fuji Electric FIP4F8S Datasheet HTML 23Page - Fuji Electric FIP4F8S Datasheet HTML 24Page - Fuji Electric FIP4F8S Datasheet HTML 25Page - Fuji Electric FIP4F8S Datasheet HTML 26Page - Fuji Electric FIP4F8S Datasheet HTML 27Page - Fuji Electric FIP4F8S Datasheet HTML 28Page - Fuji Electric FIP4F8S Datasheet HTML 29Page - Fuji Electric FIP4F8S Datasheet HTML 30Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
AN-087E Rev.1.0
April-2011
26
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
When Vcc capacitance is too small, Vcc drops to the
OFF threshold voltage as shown in Fig.25 before the
auxiliary winding voltage increases sufficiently. In this case,
Vcc repeatedly goes up and down between the ON and
OFF threshold voltages, and the power supply can not
start up.
(1-3) At stopping
When the power supply is turned off by shutdown of
input voltage, output voltage remains low for certain period
of time before the IC stops operation.
During this period, FB pin voltage increases and the CS
pin clamp circuit is cancelled because output voltage
remains low. As a result, CS pin voltage increases as
shown in Fig.26.
CS pin voltage shall not reach the threshold voltage of
the latch mode. As shown in Fig.27, if CS pin voltage
reaches the threshold voltage, the latch mode is held for a
period of time until Vcc capacitor voltage drops to OFF
threshold voltage. As a result, the power supply cannot be
re-started even if input voltage is turned on again.
In such a case, the following measures shall be taken:
・Reduce the time taken until the IC stops operation after
the output voltage has dropped through reducing Vcc
capacitance.
・Suppress CS pin voltage rise through increasing CS pin
capacitance.
(2) Hold time of Vcc
In some cases, VCC pin capacitance shall be increased
to hold Vcc above the OFF threshold voltage at abrupt load
change after the power supply has started up.
However, when VCC pin capacitance becomes larger,
start-up time gets longer.
In such a case, the circuit shown in Fig.28 is effective.
Reducing C2 shortens start-up time, and hold time can
be kept long because power is supplied via C4 after
start-up.
Fig.28
Vcc circuit
Fig.25
Vcc waveform at start-up (2)
(when the power supply can not start up)
VCC pin
Voltage
8.5V
Secondary
Side DC
Output
Voltage
CS pin
Voltage
FB pin
Voltage
OFF
Threshold
Voltage
( 9V )
Fig.26
Waveform at stopping (1)
8.5V
Latch Mode
( The period when
IC can not re-start )
VCC pin
Voltage
Secondary
Side DC
Output
Voltage
CS pin
Voltage
FB pin
Voltage
OFF
Threshold
Voltage
( 9V )
Fig.27
Waveform at stopping (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com