Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIP4F8S Datasheet(PDF) 30 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 30 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 25Page - Fuji Electric FIP4F8S Datasheet HTML 26Page - Fuji Electric FIP4F8S Datasheet HTML 27Page - Fuji Electric FIP4F8S Datasheet HTML 28Page - Fuji Electric FIP4F8S Datasheet HTML 29Page - Fuji Electric FIP4F8S Datasheet HTML 30Page - Fuji Electric FIP4F8S Datasheet HTML 31Page - Fuji Electric FIP4F8S Datasheet HTML 32Page - Fuji Electric FIP4F8S Datasheet HTML 33Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AN-087E Rev.1.0
April-2011
30
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(9) Over Temperature Protection as latch mode
for FA5526 / 27 / 28
Over Temperature Protection as latch mode can be
achieved by the circuit shown in Fig.39 for FA5526/27/28.
Here, a diode D1 connected to separated line from VCC
pin, because the start-up time of IC may become too long
when the circuit including a thermistor is connected to VCC
pin of IC directly.
Please note that the circuit shown in Fig. 39 can not be
used for FA5536/37/38, because FA5536/37/38 does not
include any latch function.
(10)
Prevention
of
malfunction
caused
by
negative voltage applied to pins
When a large negative voltage is applied to a pin, a
parasitic element in the IC may operate and cause a
malfunction. Be sure that voltage applied to a pin shall not
be -0.3V or less.
Voltage oscillation generated at turn-off of the MOSFET
may be applied to the OUT pin via the parasitic
capacitance of the MOSFET, resulting in the negative
voltage applied to the OUT pin.
In such a case, connect a Shottky diode between each
pin and GND. Forward voltage of the Shottky diode can
suppress negative voltage at each pin. Use a Shottky
diode with low forward voltage.
Fig.40 shows an example of a circuit with a Shottky
diode connected to the OUT pin.
(11) Gate circuit configuration
A resistor is generally inserted between the gate
terminal of the MOSFET and the OUT pin of the IC for
adjustment of switching speed, suppression of voltage
oscillation at the gate terminal and other purposes.
Sometimes, the drive currents for turning-on and -off
must independently determined.
In such a case, connect the gate terminal of the
MOSFET and OUT pin of the IC as shown in Fig.41 or
Fig.42.
In Fig.41, the driving current is limited by Rg1 + Rg2 at
turn-on and by only Rg2 at turn-off
In Fig.42 the driving current is limited by only RG1 at
turn-on and by parallel-connected Rg1 and Rg2 at
turn-off.
Fig. 39
Over Temperature Protection
by Latch Mode for FA5526 / 5527 /5528
Note : OTP Latch by FA5536 / 5537 / 5538 can not
be achieved by above circuit. FA5536 / 5537
/ 5538 may need very complicated circuit for
OTP latch.
Fig.40
Negative voltage prevention circuit
Fig.41
Gate circuit (1)
Fig.42
Gate circuit (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com