Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIP4F8S Datasheet(PDF) 16 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 16 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 12Page - Fuji Electric FIP4F8S Datasheet HTML 13Page - Fuji Electric FIP4F8S Datasheet HTML 14Page - Fuji Electric FIP4F8S Datasheet HTML 15Page - Fuji Electric FIP4F8S Datasheet HTML 16Page - Fuji Electric FIP4F8S Datasheet HTML 17Page - Fuji Electric FIP4F8S Datasheet HTML 18Page - Fuji Electric FIP4F8S Datasheet HTML 19Page - Fuji Electric FIP4F8S Datasheet HTML 20Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AN-087E Rev.1.0
April-2011
16
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(2) Oscillator
The oscillator determines switching frequency. For
steady operation at heavy load, the oscillating frequency
is set at 130kHz for FA5526/36, 100kHz for FA5527/37
or 60kHz for FA5528/38 inside the IC.
In addition, the IC has a function to automatically
decrease oscillating frequency at light load to reduce
standby power dissipation. When FB pin voltage
becomes 1.05V or less at light load, the frequency starts
decreasing.
At light load, as FB pin voltage drops, the frequency
decreases almost linearly to the minimum operating
frequency (Fig.4). The minimum operating frequency,
Fmin, is set at 1.1kHz.
The
oscillator
generates
a
trigger
signal
for
determining the switching frequency, a pulse signal for
determining the maximum duty cycle and a ramp signal
for slope compensation.
(3) Current comparator and PWM latch
FA5526/27/28/36/37/38
have
current
mode
comparators. Fig.5 shows a block diagram for basic
operation and Fig.6 a timing chart.
A trigger signal is generated by the oscillator and input
to the PWM latch (F.F.) as a set signal through a blanking
circuit, increasing PMW latch output and also OUT pin
voltage.
On the other hand, the current comparator (IS comp.)
monitors a MOSFET current and generates a reset
signal when OUT pin voltage reaches the threshold
voltage.
Then, PWM latch (F.F.) output and OUT pin
voltage go into low state
The output is controlled through varying IS comparator
threshold voltage due to a feedback signal.
As shown in Fig.7, FB pin voltage and CS pin voltage
are level-shifted and input to the current comparator (IS
comp.) as threshold voltage. In addition, the reference
voltage of 0.52V is input to the IC to determine IS pin
maximum threshold voltage.
The lowest of the three inputs is given a high priority.
Fig.4
Oscillating frequency
OSC
Blanking
S
R
Q
5
3
IS comp.
F.F.
Rs
IS
OUT
C1
Fig.5
Current-mode basic operation circuit block
Blanking
Output Signal
(set pulse)
Flip Flop ( F.F. )
“Q” output
( OUT pin signal )
IS comp.
Output
(reset pulse)
IS pin Voltage
proportional to
Drain Current of
MOSFET “Q1”
IS comp.
Minimum Voltage
Among inverting
input
Fig. 6
Timing chart for current-mode basic operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com