Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIP4F8S Datasheet(PDF) 20 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 20 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 16Page - Fuji Electric FIP4F8S Datasheet HTML 17Page - Fuji Electric FIP4F8S Datasheet HTML 18Page - Fuji Electric FIP4F8S Datasheet HTML 19Page - Fuji Electric FIP4F8S Datasheet HTML 20Page - Fuji Electric FIP4F8S Datasheet HTML 21Page - Fuji Electric FIP4F8S Datasheet HTML 22Page - Fuji Electric FIP4F8S Datasheet HTML 23Page - Fuji Electric FIP4F8S Datasheet HTML 24Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
AN-087E Rev.1.0
April-2011
20
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
When the output voltage momentarily drops due to
abrupt load change and FB pin voltage restores to the
voltage at steady state before CS pin voltage reaches 8.5V,
the 4V clamp circuit restarts, producing no latch mode.
The latch mode can be reset through cutting off input
voltage or through forcibly decreasing CS pin voltage to
7.4V or less.
Cutting off the input voltage decreases VH pin voltage,
supplying no current to the VCC pin. Thereafter, the latch
mode is reset when Vcc drops below the OFF threshold
voltage, 8.0Vmin.
In addition, when CS pin voltage is forcibly decreased,
the latch mode comparator is re-inverted and the IC
re-starts switching operation.
In the case of typical IC, delay time td (OLP), the time from
overload detection to the latch mode, is given by the
following equation.
td1 (OLP) [ s ] = 0.93 * Cs [ uF ]
( typical value )
Here, Cs is a capacitance connected to CS pin [ uF ].
Delay time td(OLP) is inversely proportional to CS
charging current and proportional to the difference
between CS pin clamp voltage “4V” at steady condition and
latch-mode threshold voltage “8.5V”. Pay attention to
variations in delay time resulting from variations in
numerical values.
In addition, be aware that when the VH pin is connected
after rectification, it takes rather long time, approximately
several minutes, before the latch mode is reset.
(See “9-(1) Start-up circuit.”)
(9) Overload protection of FA5536/37/38
FA5536, FA5537 and FA5538 have built-in auto-recovery
type overload protection. Fig.14 shows VCC pin voltage
and the drain voltage of power MOSFET “Q1” in the circuit
on page 33 at “6A” overload when 90Vac input is applied
and Fig.15 shows same parameters mentioned above at
“7A” overload when 264Vac input is applied.
Switching period after the overload occurs and stop
period are calculated as follows.
Steady State to Overload : td2 (OLP) [ s ] = td1 (OLP),
After overload starts : td2 (OLP) [ s ] = 1.65* Cs [ uF ],
stop period t (stop) [ s ] = Cvcc [ uF ] *
[ Vcc(sw/OL) – Vccoff ] / ( ICCL )
Here,
Vcc(sw/OL) : Vcc in switching period at overload [ V ]
Vccoff : OFF threshold voltage of U.V.L.O ( 9V (typ.))
ICCL : Consumption current in latch mode ( 290uA (typ.))
OUT pin
Voltage
3.6V
8.5V
8.8V
Short time
Overload
Overload Latch Off
Secondary
Side DC
Output
Voltage
CS pin
Voltage
FB pin
Voltage
Fig.13
Overload protection timing chart
Fig.14
Overload protection waveform
of FA5538 as Auto-Recovery ( 90Vac )
Fig.15
Overload protection waveform
of FA5538 as Auto-Recovery
( 264Vac )
Vcc
(20V
/div)
Vds
(100V
/div)
Vcc
(20V
/div)
Vds
(100V
/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com