Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIP4F8S Datasheet(PDF) 25 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 25 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 21Page - Fuji Electric FIP4F8S Datasheet HTML 22Page - Fuji Electric FIP4F8S Datasheet HTML 23Page - Fuji Electric FIP4F8S Datasheet HTML 24Page - Fuji Electric FIP4F8S Datasheet HTML 25Page - Fuji Electric FIP4F8S Datasheet HTML 26Page - Fuji Electric FIP4F8S Datasheet HTML 27Page - Fuji Electric FIP4F8S Datasheet HTML 28Page - Fuji Electric FIP4F8S Datasheet HTML 29Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AN-087E Rev.1.0
April-2011
25
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
10.Design advice
(1) Start-up and stop
To properly start up and stop the power supply, optimum
values shall be set for capacitors connected to the CS pin
and VCC pin.
(1-1) At start-up (1)
It takes certain time until the output voltage reaches to
the set voltage after the IC has been activated. During this
period, FB pin voltage reaches its maximum voltage and
the 4V clamp circuit does not operate. As a result, with
proper CS pin capacitance and proper start-up, CS pin
voltage waveform during start-up will be as shown in
Fig.22.
On the other hand, when CS pin capacitance is too small,
CS pin voltage may reach the threshold voltage of the latch
mode as shown in Fig.23 before the output voltage
increases to the set value. The IC changes into a latch
mode and the power supply cannot start properly. In cases
like this, increase CS pin capacitance.
(1-2) At start-up (2)
Fig.24 shows Vcc voltage at start-up when proper
capacitance is connected.
When input power is turned on, the VCC capacitor is
charged by the current supplied from the start-up circuit
and its voltage increases. Then, when Vcc reaches the ON
threshold voltage, the IC starts operation. In steady
operation, the IC operates at the voltage supplied from an
auxiliary winding. Right after IC start-up, however, Vcc
drops until the auxiliary voltage increases sufficiently.
Determine the capacitance connected to VCC pin so that
Vcc does not drop to the OFF threshold voltage in any
condition.
We recommend that you choose the capacitance
connected to VCC pin so that the bottom of Vcc becomes
larger than 11V as the result of typical experiment.
Secondary
Side DC
Output
Voltage
CS pin
Voltage
FB pin
Voltage
8.5V
Start-up
of IC
4V
a) After CS pin exceeds 4V,
FB pin voltage drops.
Start-up
of IC
3V
b) Before CS pin exceeds 4V,
FB pin voltage drops.
Fig.22
CS pin voltage waveform at start-up (1)
( normal start )
8.5V
Latch Mode
Secondary
Side DC
Output
Voltage
CS pin
Voltage
FB pin
Voltage
Start-up
of IC
DC output set voltage
Fig.23
CS pin voltage waveform at start-up (2)
(when the power supply can not start up)
Fig.24
Vcc waveform at start-up (1)
(at normal start-up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com