Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIP4F8S Datasheet(PDF) 12 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 12 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 8Page - Fuji Electric FIP4F8S Datasheet HTML 9Page - Fuji Electric FIP4F8S Datasheet HTML 10Page - Fuji Electric FIP4F8S Datasheet HTML 11Page - Fuji Electric FIP4F8S Datasheet HTML 12Page - Fuji Electric FIP4F8S Datasheet HTML 13Page - Fuji Electric FIP4F8S Datasheet HTML 14Page - Fuji Electric FIP4F8S Datasheet HTML 15Page - Fuji Electric FIP4F8S Datasheet HTML 16Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
AN-087E Rev.1.0
April-2011
12
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
OUT pin High Output Voltage (VOH)
vs. VCC pin Voltage (Vcc)
1
1.5
2
2.5
3
10
15
20
25
30
Vcc (V)
IOH = -100mA
IS pin maximum input threshold volatge(Vthis1)
vs. Junction Temerature (Tj)
0.47
0.48
0.49
0.50
0.51
0.52
0.53
-40
-20
0
20
40
60
80
100 120 140
Tj (degree)
FB pin source current (IFB) vs. FB pin voltage (VFB)
-600
-500
-400
-300
-200
-100
0
0
1
2
3
4
5
VFB (V)
OUT pin Low Output Voltage (VOL)
vs. VCC pin Voltage (Vcc)
0.3
0.4
0.5
0.6
0.7
0.8
10
15
20
25
30
Vcc (V)
IOL = 100mA
IS pin input threshold voltage (Vthis)
vs. FB pin voltage (VFB)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
VFB (V)
Duty cycle = 50%
Threshold Voltage of Over-Voltage Protection
(Vthvcc) vs. Junction Temperature (Tj)
26.0
26.5
27.0
27.5
28.0
28.5
29.0
29.5
30.0
-40 -20
0
20
40
60
80 100 120 140
Tj (degree)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com