Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIP4F8S Datasheet(PDF) 17 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 17 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 13Page - Fuji Electric FIP4F8S Datasheet HTML 14Page - Fuji Electric FIP4F8S Datasheet HTML 15Page - Fuji Electric FIP4F8S Datasheet HTML 16Page - Fuji Electric FIP4F8S Datasheet HTML 17Page - Fuji Electric FIP4F8S Datasheet HTML 18Page - Fuji Electric FIP4F8S Datasheet HTML 19Page - Fuji Electric FIP4F8S Datasheet HTML 20Page - Fuji Electric FIP4F8S Datasheet HTML 21Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AN-087E Rev.1.0
April-2011
17
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
At start-up, soft start can be realized through gradually
increasing the threshold voltage based on CS pin
voltage.
At steady operation, the threshold voltage is varied
based on FB pin voltage to keep power supply output
voltage constant.
In addition, the maximum IS pin threshold voltage as
520mV limits MOSFET over-current when FB pin voltage
is very high like 4V by overload etc.
The oscillator generates a pulse to determine the
maximum duty cycle of an OUT pulse and the maximum
duty cycle is set at 80% (typ.) using this pulse..
For details, refer to “9-(14) Timing chart”.
(4) Blanking
When MOSFET turns on, a surge current is generated
due to discharge current from the capacitor in the main
circuit or gate drive current. If the surge current reaches
the IS pin threshold voltage, current comparator output
could be inverted and normal pulses would not be
generated from the OUT pin.
To avoid this, a blanking function is incorporated into
the current comparator. When a trigger signal is input
from the oscillator, the blanking circuit outputs a
certain-width pulse signal as a PWM latch (F.F.) set
signal.
Since the set signal is given a high priority in PWM
latch input signals, the output of PWM latch (F.F.) will not
be inverted while the set signal is input from the blanking
circuit, even if a rest signal is input from the current
comparator (IS comp.).
As a result, the IS pin input voltage is ignored for a
blanking
time
(200ns
for
FA5526/36,
400ns
for
FA5527/37 and 600ns for FA5528/38) immediately after
an output pulse has been generated from the OUT pin
and does not respond to a surge current at turn-on.
(See Fig.8.)
In general, the blanking circuit eliminates the need for
a noise filter at the IS pin.
Rs
2
1
3
Buf
x1
3R
R
20k
60k
IS comp.
IS
CS
FB
0.52V
11µA
5V
VCC
Cs
Fig.7
Current comparator
Fig.8
Blanking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com