Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIP4F8S Datasheet(PDF) 27 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 27 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 23Page - Fuji Electric FIP4F8S Datasheet HTML 24Page - Fuji Electric FIP4F8S Datasheet HTML 25Page - Fuji Electric FIP4F8S Datasheet HTML 26Page - Fuji Electric FIP4F8S Datasheet HTML 27Page - Fuji Electric FIP4F8S Datasheet HTML 28Page - Fuji Electric FIP4F8S Datasheet HTML 29Page - Fuji Electric FIP4F8S Datasheet HTML 30Page - Fuji Electric FIP4F8S Datasheet HTML 31Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AN-087E Rev.1.0
April-2011
27
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(3) Protection using CS pin for FA5526/27/28
In steady operation, the CS pin voltage is clamped by a
4V zener diode. Externally forcing CS pin voltage to
increase to the threshold voltage, 8.5V, for the latch mode
allows the IC to stop its operation for protection.
In this case, a current of more than the sink capacity of
4V zener diode, 84uA, shall be applied to the CS pin.
Set the input current to the CS pin at 1mA or less as a
guide.
The following shows examples of overvoltage protection
at an arbitrary voltage using the CS pin.
(3-1) Overvoltage detection on the secondary side
Fig.29 shows an example of an overload detection
circuit on the secondary side to change the IC into the
latch mode.
(3-2) Detection of Vcc (1)
Fig.30 shows a circuit where the IC is stopped in the
latch mode upon detecting Vcc overvoltage. In this case,
Vcc voltage is latched at approximately ZD+8.5V.
Use a ZD whose voltage is larger than the ON threshold
voltage of the low-voltage malfunction preventive circuit.
Otherwise, the IC cannot start.
(3-3) Detection of Vcc (2)
Fig.31 shows another circuit to detect Vcc overvoltage.
In this case, Vcc voltage is latched approximately at ZD
voltage.
Use a ZD whose voltage is larger than the ON threshold
voltage of the low-voltage malfunction preventive circuit.
Otherwise, the IC cannot start.
(4) Protection using CS pin for FA5536/37/38
FA5536/37/38 does not include any latch function.
Therefore, the external latch circuit is necessary for
Over-Voltage Protection as latch mode. Fig.32 shows
the OVP latch circuit by primary side detection at VCC pin
and Fig.33 shows the OVP latch circuit by secondary side
detection through a optocoupler “PC”.
When CS pin voltage is pulled down below 0.68V ( typ. ),
the switching is shut-down. Once the NPN transistor “Q2”
and “Q3” turn-on when the diode “ZD1” or optocoupler
“PC” supplies the current to resistor “R1” by detection of
Over-Voltage, PNP transistor “Q1” turns-on and “Q2” and
“Q3” are maintained in ON-State.
Then, CS pin voltage is maintained at low level until the
current of a diode ZD2 is cut VCC pin voltage decreases
below OFF threshold ( 9V ) .
Fig.29
Over Voltage protection (1) for FA5526/27/28
Fig.30
Over Voltage protection (2) for FA5526/27/28
Fig.31
Over Voltage protection (3) for FA5526/27/28
Fig.32
Over Voltage protection (1) for FA5536/37/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com