Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIP4F8S Datasheet(PDF) 19 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 19 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 15Page - Fuji Electric FIP4F8S Datasheet HTML 16Page - Fuji Electric FIP4F8S Datasheet HTML 17Page - Fuji Electric FIP4F8S Datasheet HTML 18Page - Fuji Electric FIP4F8S Datasheet HTML 19Page - Fuji Electric FIP4F8S Datasheet HTML 20Page - Fuji Electric FIP4F8S Datasheet HTML 21Page - Fuji Electric FIP4F8S Datasheet HTML 22Page - Fuji Electric FIP4F8S Datasheet HTML 23Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AN-087E Rev.1.0
April-2011
19
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(7) Soft start circuit
The CS pin is connected to a built-in constant current
source. The current for soft start is 11uA.
The capacitor externally connected to the CS pin is
charged by the constant current source, gradually
increasing CS pin voltage.
MOSFET current gradually increases at start-up
because CS pin voltage is input to the current
comparator (IS comp.), realizing soft start.
As a guide for soft start time, the time tss taken until
CS pin voltage increases from 0V to 3V is given by the
following equation.
tss [ s ] = 0.27 * Cs [ uF ] ( typical value )
Here, Cs is a capacitance connected to CS pin [ uF ].
In steady operation, CS pin voltage is clamped at
approximately 4V by a zener diode in the IC.
The CS pin is provided with a built-in circuit to stop
pulses when CS pin voltage is 0.68V or less, same as
FB pin.
(See “9-(14) Timing chart.”)
(8) Overload protection of FA5526/27/28
FA5526, FA5527 and FA5528 have built-in time-latch
type overload protection. Fig.12 shows its block diagram
and Fig.13 its Timing chart.
In steady operation, FB pin voltage is 3V or less and
CS pin voltage is clamped at 4V by a zener diode in the
IC.
When power supply voltage drops on account of
overload or short-circuit on the load side, FB pin voltage
increases. If FB pin voltage exceeds the 3.6V threshold
voltage for overload protection, output voltage of a
comparator for overload detection (Overload) is inverted
and 4V clamp of the CS pin is canceled, increasing CS
pin voltage again due to a built-in constant current
source. The current supplied from the CS pin becomes
4µA.
If the power supply voltage continues to decrease and
CS pin voltage reaches the threshold voltage (8.5V) of
the comparator (Latch), the output of the comparator
(Latch) is inverted, turning off a 5V circuit in the IC and
forcing OUT pin voltage to be low.
This status is the latch mode of the IC. In the latch
mode, the start-up circuit resumes operation to supply
current to Vcc and to hold the latch mode.
2
1
3
Buf
x1
3R
R
20k
60k
IS comp.
IS
CS
FB
0.52V
11µA
5V
VCC
Cs
Fig.11
Soft start circuit
ENB
5V
VCC
5V Reg.
UVLO
5V Reg.
ENB
UVLO
Q
S
R
F.F.
1
11uA/4uA
8.5V/7.7V
5
6
2
4.8V
2.8V
OUT
VCC
CS
FB
Overload
Latch
Cs
Fig.12
Overload protection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com