Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIP4F8S Datasheet(PDF) 31 Page - Fuji Electric

Part # FIP4F8S
Description  Fuji Switching Power Control IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FIP4F8S Datasheet(HTML) 31 Page - Fuji Electric

Back Button FIP4F8S Datasheet HTML 25Page - Fuji Electric FIP4F8S Datasheet HTML 26Page - Fuji Electric FIP4F8S Datasheet HTML 27Page - Fuji Electric FIP4F8S Datasheet HTML 28Page - Fuji Electric FIP4F8S Datasheet HTML 29Page - Fuji Electric FIP4F8S Datasheet HTML 30Page - Fuji Electric FIP4F8S Datasheet HTML 31Page - Fuji Electric FIP4F8S Datasheet HTML 32Page - Fuji Electric FIP4F8S Datasheet HTML 33Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AN-087E Rev.1.0
April-2011
31
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
(12) Loss calculation
IC loss shall be determined to use the IC within its rating.
Since it is hard to directly measure IC loss, an example of
calculating approximate IC loss is given below.
Total IC loss, Pd, is obtained by the following equation:
Pd = Vcc * ( Iccop1 + Qg * f ) + VVH * IHrun
Where Vcc is the supply voltage to the IC, Iccop1 is
consumption current of the IC, Qg is total gate charge of
the MOSFET, f is switching frequency, VVH is VH pin
voltage and IHrun is a current flowing into the VH pin when
the IC operates.
This equation gives an approximate value of Pd, which
is a little greater than the actual loss. Take into
consideration variation and temperature characteristics of
each value
(Example)
When the VH pin is connected to half-wave rectification
waveform at power supply of 264Vac, the average VH pin
voltage is approximately 119V.
Under above condition, let us suppose Vcc = 18V and
Qg = 80nC at Tj = 25 degree.
When using FA5528 or FA5538, according to the
specifications IHrun = 25uA = 0.025mA ( typ. ), Iccop1 =
1.4mA ( typ. ) and f = 60kHz = 0.06MHz ( typ.).
Thus, typical IC loss Pd:
Pd = 18V * ( 1.4mA + 80nC * 0.06MHz ) + 119V * 0.025mA
= 115mW ( typ. )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com