Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 60Page - ATMEL Corporation AT89LP51 Datasheet HTML 61Page - ATMEL Corporation AT89LP51 Datasheet HTML 62Page - ATMEL Corporation AT89LP51 Datasheet HTML 63Page - ATMEL Corporation AT89LP51 Datasheet HTML 64Page - ATMEL Corporation AT89LP51 Datasheet HTML 65Page - ATMEL Corporation AT89LP51 Datasheet HTML 66Page - ATMEL Corporation AT89LP51 Datasheet HTML 67Page - ATMEL Corporation AT89LP51 Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
64
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
state of the clock when not currently transmitting/receiving. The SMOD1 bit determines if the
output data is stable for both edges of the clock, or just one.
In Two-Wire configuration Mode 0 may be used as a hardware accelerator for software emula-
tion of serial interfaces such as a half-duplex Serial Peripheral Interface (SPI) master in mode
(0,0) or (1,1) or a Two-Wire Interface (TWI) in master mode. An example of Mode 0 emulating a
TWI master device is shown in Figure 14-2. In this example, the start, stop, and acknowledge
are handled in software while the byte transmission is done in hardware. Falling/rising edges on
TXD are created by setting/clearing SM2. Rising/falling edges on RXD are forced by set-
ting/clearing the P3.0 register bit. SM2 and P3.0 must be 1 while the byte is being transferred.
Figure 14-1. Mode 0 Waveforms (Two-Wire)
Figure 14-2. UART Mode 0 TWI Emulation (SMOD1 = 1)
Table 14-5.
Mode 0 Clock and Data Modes
SM2
SMOD1
Clock Idle
Data Changes
Data Sampled
0
0
High
While clock is high
Positive edge of clock
0
1
High
Negative edge of clock
Positive edge of clock
1
0
Low
While clock is low
Negative edge of clock
1
1
Low
Negative edge of clock
Positive edge of clock
7
RXD (TX)
TXD
6
5
4
3
2
1
0
RXD (RX)
01234567
7
RXD (TX)
TXD
6
5
4
3
2
1
0
RXD (RX)
01234567
7
RXD (TX)
TXD
6
5
4
3
2
1
0
RXD (RX)
01234567
7
RXD (TX)
TXD
6
5
4
3
2
1
0
RXD (RX)
01234567
SMOD1 = 0
SM2 = 0
SMOD1 = 1
SM2 = 0
SMOD1 = 0
SM2 = 1
SMOD1 = 1
SM2 = 1
7
(SDA) RXD
(SCL) TXD
6
5
4
3
2
1
0
ACK
SM2
P3.0
Write to SBUF
TI
Sample ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com