Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 4Page - ATMEL Corporation AT89LP51 Datasheet HTML 5Page - ATMEL Corporation AT89LP51 Datasheet HTML 6Page - ATMEL Corporation AT89LP51 Datasheet HTML 7Page - ATMEL Corporation AT89LP51 Datasheet HTML 8Page - ATMEL Corporation AT89LP51 Datasheet HTML 9Page - ATMEL Corporation AT89LP51 Datasheet HTML 10Page - ATMEL Corporation AT89LP51 Datasheet HTML 11Page - ATMEL Corporation AT89LP51 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 113 page
background image
8
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
2.2.2
Software Options
Table 2-2 lists some important software configuration bits that affect operation at the system
level. These can be changed by the application software but are set to their default values upon
any reset. Most peripherals also have multipe configuration bits that are not listed here.
2.3
Comparison to AT89S51/52
The AT89LP51/52 is part of a family of devices with enhanced features that are fully binary com-
patible with the 8051 instruction set. The AT89LP51/52 has two modes of operations,
Compatibility mode and Fast mode. In Compatibility mode the instruction timing, peripheral
behavior, SFR addresses, bit assignments and pin functions are identical to Atmel's existing
AT89S51/52 product. Additional enhancements are transparent to the user and can be used if
desired. Fast mode allows greater performance, but with some differences in behavior. The
major enhancements from the AT89S51/52 are outlined in the following paragraphs and may be
useful to users migrating to the AT89LP51/52 from older devices. A summary of the differences
between Compatibility and Fast modes is given in Table 2-3 on page 10. See also the Applica-
tion note “Migrating from AT89S52 to AT89LP52.”
Table 2-1.
User Configuration Fuses
Fuse Name
Description
Clock Source
Selects between the High Speed Crystal Oscillator, Low Speed
Crystal Oscillator, External Clock or Internal RC Oscillator for the
source of the system clock.
Start-up Time
Selects time-out delay for the POR/BOD/PWD wake-up period.
Compatibility Mode
Configures the CPU in 12-clock Compatibility mode or single-cycle
Fast mode
In-System Programming Enable
Enables or disables In-System Programming.
User Signature Programming
Enables or disables programming of User Signature array.
Tristate Ports
Configures the default port state as input-only mode (tristated) or
quasi-bidirectional mode (weakly pulled high).
In-Application Programming
Enables or disables In-Application (self) Programming
R1 Enable
Table 2-2.
Important Software Configuration Bits
Bit(s)
SFR Location
Description
PxM0
PxM1
PMOD
Configures the I/O mode of all pins of Port x to be nput-only, quasi-
bidirectional, push-pull output or open-drain. The default state is
controlled by the Default Port State fuse above
CDV
2-0
CLKREG.3-1
Selects the division ratio between the oscillator and the system clock
TPS
3-0
CLKREG.7-4
Selects the division ratio between the system clock and the timers
DISALE
AUXR.0
Enables/disables toggling of ALE
EXRAM
AUXR.1
Enables/disables access to on-chip memories that are mapped to the
external data memory address space
WS
1-0
AUXR.3-2
Selects the number of wait states when accessing external data
memory
DMEN
MEMCON.3
Enables/disables access to the on-chip flash data memory
IAP
MEMCON.7
Enbles/disables the self programming feature when the fuse allows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com