Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 88Page - ATMEL Corporation AT89LP51 Datasheet HTML 89Page - ATMEL Corporation AT89LP51 Datasheet HTML 90Page - ATMEL Corporation AT89LP51 Datasheet HTML 91Page - ATMEL Corporation AT89LP51 Datasheet HTML 92Page - ATMEL Corporation AT89LP51 Datasheet HTML 93Page - ATMEL Corporation AT89LP51 Datasheet HTML 94Page - ATMEL Corporation AT89LP51 Datasheet HTML 95Page - ATMEL Corporation AT89LP51 Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 113 page
background image
92
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
18. Electrical Characteristics
Notes:
1. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum I
OL per port pin: 10 mA
Maximum total I
OL for all output pins: 100 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
2. Minimum VDD for Power-down is 2V.
3. All characteristics contained in this datasheet are based on simulation and characterization of other microcontrollers manu-
factured in the same process technology. These values are preliminary values representing design targets, and will be
updated after characterization of actual silicon.
18.1
Absolute Maximum Ratings*
Operating Temperature ................................... -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with Respect to Ground ......-0.7V to +5.5V
Maximum Operating Voltage ............................................ 5.5V
Total DC Output Current ........................................... 150.0 mA
18.2
DC Characteristics
T
A = -40°C to 85°C, VDD = 2.4V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Max
Units
V
IL
Input Low-voltage
-0.5
0.2 V
DD - 0.1
V
VIH
Input High-voltage
0.2 VDD + 0.9
VDD + 0.5
V
VOL
Output Low-voltage(1)
IOL = 10 mA, VDD = 2.4V, TA = 85°C
0.5
V
VOH
Output High-voltage
With Weak Pull-ups Enabled
I
OH = -80 µA, VDD = 3V ± 10%
2.4
V
IOH = -30 µA
0.75 VDD
V
IOH = -12 µA
0.9 VDD
V
VOH1
Output High-voltage
With Strong Pull-ups Enabled
I
OH = -10 mA, TA = 85°C
0.9 V
DD
IOH = -5 mA, TA = 85°C
0.75 VDD
I
IL
Logic 0 Input Current
V
IN = 0.45V
-50
µA
I
TL
Logic 1 to 0 Transition Current
V
IN = 2V, VDD = 5V ± 10%
-750
µA
ILI
Input Leakage Current
0 < VIN < VDD
±10
µA
R
RST
Reset Pull-up Resistor
50
150
k
Ω
C
IO
Pin Capacitance
Test Freq. = 1 MHz, T
A = 25°C
10
pF
I
CC
Power Supply Current
(Fast Mode)
Active Mode, 12 MHz, VDD = 5.5V
7
mA
Idle Mode, 12 MHz, V
DD = 5.5V
3
mA
Power Supply Current
(Compatibility Mode)
Active Mode, 12 MHz, V
DD = 5.5V
5
mA
Idle Mode, 12 MHz, VDD = 5.5V
3
mA
Power-down Mode(2)
V
DD = 5.5V
5
µA
V
DD = 3V
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com