Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 13Page - ATMEL Corporation AT89LP51 Datasheet HTML 14Page - ATMEL Corporation AT89LP51 Datasheet HTML 15Page - ATMEL Corporation AT89LP51 Datasheet HTML 16Page - ATMEL Corporation AT89LP51 Datasheet HTML 17Page - ATMEL Corporation AT89LP51 Datasheet HTML 18Page - ATMEL Corporation AT89LP51 Datasheet HTML 19Page - ATMEL Corporation AT89LP51 Datasheet HTML 20Page - ATMEL Corporation AT89LP51 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 113 page
background image
17
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
The LDPG bit (MEMCON.5) allows multiple data bytes to be loaded to the temporary page buf-
fer. While LDPG = 1, MOVX @DPTR,A instructions will load data to the page buffer, but will not
start a write sequence. Note that a previously loaded byte must not be reloaded prior to the write
sequence. To write the half page into the memory, LDPG must first be cleared and then a
MOVX @DPTR,A with the final data byte is issued. The address of the final MOVX determines
which half page will be written. If a MOVX @DPTR,A instruction is issued while LDPG = 0 with-
out loading any previous bytes, only a single byte will be written. The page buffer is reset after
each write operation. Figures 3-8 and Figure 3-9 on page 17 show the difference between byte
writes and page writes.
Figure 3-8.
FDATA Byte Write
Figure 3-9.
FDATA Page Write
The auto-erase bit AERS (MEMCON.6) can be set to one to perform a page erase automatically
at the beginning of any write sequence. The page erase will erase the entire page, i.e. both the
low and high half pages. However, the write operation paired with the auto-erase can only pro-
gram one of the half pages. A second write cycle without auto-erase is required to update the
other half page.
Frequently just a few bytes within a page must be updated while maintaining the state of the
other bytes. There are two options for handling this situation that allow the Flash Data memory
to emulate a traditional EEPROM memory. The simplest method is to copy the entire page into a
buffer allocated in RAM, modify the desired byte locations in the RAM buffer, and then load and
write back first the low half page (with auto-erase) and then the high half page to the Flash mem-
ory. This option requires that at least one page size of RAM is available as a temporary buffer.
The second option is to store only one half page in RAM. The unmodified bytes of the other page
are loaded directly into the Flash memory’s temporary load buffer before loading the updated
values of the modified bytes. For example, if just the low half page needs modification, the user
must first store the high half page to RAM, followed by reading and loading the unaffected bytes
of the low half page into the page buffer. Then the modified bytes of the low half page are stored
MWEN
DMEN
t
WC
LDPG
IDLE
MOVX
t
WC
MWEN
DMEN
t
WC
LDPG
IDLE
MOVX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com