Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 57Page - ATMEL Corporation AT89LP51 Datasheet HTML 58Page - ATMEL Corporation AT89LP51 Datasheet HTML 59Page - ATMEL Corporation AT89LP51 Datasheet HTML 60Page - ATMEL Corporation AT89LP51 Datasheet HTML 61Page - ATMEL Corporation AT89LP51 Datasheet HTML 62Page - ATMEL Corporation AT89LP51 Datasheet HTML 63Page - ATMEL Corporation AT89LP51 Datasheet HTML 64Page - ATMEL Corporation AT89LP51 Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 113 page
background image
61
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
is similar to the auto-reload mode, in that a rollover causes the Timer 2 registers to be reloaded
with the 16-bit value in registers RCAP2H and RCAP2L, which are preset by software. In this
case, the baud rates in Modes 1 and 3 are determined by Timer 2’s overflow rate according to
the following equation:
Table 14-3 lists commonly used baud rates and how they can be obtained from Timer 2.
14.3
Framing Error Detection
In addition to all of its usual modes, the UART can perform framing error detection by looking for
missing stop bits, and automatic address recognition. When used for framing error detect, the
UART looks for missing stop bits in the communication. A missing bit will set the FE bit in the
SCON register. The FE bit shares the SCON.7 bit with SM0 and the function of SCON.7 is deter-
mined by PCON.6 (SMOD0). If SMOD0 is set then SCON.7 functions as FE. SCON.7 functions
as SM0 when SMOD0 is cleared. When used as FE, SCON.7 can only be cleared by software.
The FE bit will be set by a framing error regardless of the state of SMOD0.
14.4
Automatic Address Recognition
Automatic Address Recognition is a feature which allows the UART to recognize certain
addresses in the serial bit stream by using hardware to make the comparisons. This feature
saves a great deal of software overhead by eliminating the need for the software to examine
every serial address which passes by the serial port. This feature is enabled by setting the SM2
bit in SCON for Modes 1, 2 or 3. In the 9-bit UART modes, Mode 2 and Mode 3, the Receive
Table 14-3.
Commonly Used Baud Rates Generated by Timer 2
Baud Rate
f
OSC (MHz)
CDV
Timer 2
CP/RL2
C/T2
TCLK or RCLK
Reload Value
Max: 750K
12
0
0
0
1
FFFFH
19.2K
11.059
0
0
0
1
FFDCH
9.6K
11.059
0
0
0
1
FFB8H
4.8K
11.059
0
0
0
1
FF70H
2.4K
11.059
0
0
0
1
FEE0H
1.2K
11.059
0
0
0
1
FDC0H
137.5
11.9860
0
0
1
EAB8H
110
6
0
0
0
1
F2AFH
110
12
0
0
0
1
E55EH
19.2K
11.059
1
0
0
1
FFEEH
9.6K
11.059
1
0
0
1
FFDCH
4.8K
11.059
1
0
0
1
FFB8H
2.4K
11.059
1
0
0
1
FF70H
1.2K
11.059
1
0
0
1
FEE0H
137.5
11.986
1
0
0
1
F55CH
110
12
1
0
0
1
F2AFH
Modes 1 and 3
Baud Rate
1
16
------
System Frequency
65536
RCAP2H,RCAP2L
()
–
[]
---------------------------------------------------------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com