Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 87Page - ATMEL Corporation AT89LP51 Datasheet HTML 88Page - ATMEL Corporation AT89LP51 Datasheet HTML 89Page - ATMEL Corporation AT89LP51 Datasheet HTML 90Page - ATMEL Corporation AT89LP51 Datasheet HTML 91Page - ATMEL Corporation AT89LP51 Datasheet HTML 92Page - ATMEL Corporation AT89LP51 Datasheet HTML 93Page - ATMEL Corporation AT89LP51 Datasheet HTML 94Page - ATMEL Corporation AT89LP51 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 113 page
background image
91
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
17.9.6
Timing Parameters
The timing parameters for Figure 17-9, Figure 17-10, Figure 17-11, Figure 17-12, Figure 17-14
and Figure 17-15 are shown in Table .
Note:
1. t
SCK is independent of tCLCL.
Table 17-6.
Programming Interface Timing Parameters
Symbol
Parameter
Min
Max
Units
t
CLCL
System Clock Cycle Time
0
60
ns
tPWRUP
Power On to SS High Time
10
µs
tPOR
Power-on Reset Time
100
µs
t
PWRDN
SS Tristate to Power Off
1
µs
tRLZ
RST Low to I/O Tristate
tCLCL
2 tCLCL
ns
tSTL
RST Low Settling Time
100
ns
t
RHZ
RST High to SS Tristate
0
2 t
CLCL
ns
tSCK
Serial Clock Cycle Time
200(1)
ns
tSHSL
Clock High Time
75
ns
t
SLSH
Clock Low Time
50
ns
tSR
Rise Time
25
ns
tSF
Fall Time
25
ns
t
SIS
Serial Input Setup Time
10
ns
tSIH
Serial Input Hold Time
10
ns
t
SOH
Serial Output Hold Time
10
ns
t
SOV
Serial Output Valid Time
35
ns
tPIS
Parallel Input Setup Time
10
ns
t
PIH
Parallel Input Hold Time
10
ns
t
POH
Parallel Output Hold Time
10
ns
tPOV
Parallel Output Valid Time
35
ns
t
SOE
Serial Output Enable Time
10
ns
t
SOX
Serial Output Disable Time
25
ns
tPOE
Parallel Output Enable Time
10
ns
t
POX
Parallel Output Disable Time
25
ns
t
SSE
RST Active Lead Time
t
SLSH
ns
tSSD
RST Inactive Lag Time
tSLSH
ns
t
ZSS
SCK Setup to SS Low
25
ns
t
SSZ
SCK Hold after SS High
25
ns
tWR
Write Cycle Time
2.5
ms
t
AWR
Write Cycle with Auto-Erase Time
5
ms
tERS
Chip Erase Cycle Time
7.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com