Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 71Page - ATMEL Corporation AT89LP51 Datasheet HTML 72Page - ATMEL Corporation AT89LP51 Datasheet HTML 73Page - ATMEL Corporation AT89LP51 Datasheet HTML 74Page - ATMEL Corporation AT89LP51 Datasheet HTML 75Page - ATMEL Corporation AT89LP51 Datasheet HTML 76Page - ATMEL Corporation AT89LP51 Datasheet HTML 77Page - ATMEL Corporation AT89LP51 Datasheet HTML 78Page - ATMEL Corporation AT89LP51 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 113 page
background image
75
3709C–MICRO–5/11
AT89LP51/52 - Preliminary
16. Instruction Set Summary
The AT89LP51/52 is fully binary compatible with the 8051 instruction set. In Compatibility mode
the AT89LP51/52 has identical execution time with AT89S51/52 and other standard 8051s. The
difference between the AT89LP51/52 in Fast mode and the standard 8051 is the number of
cycles required to execute an instruction. Fast mode instructions may take 1 to 5 clock cycles to
complete. The execution times of most instructions may be computed using Table 16-1. Note
that for the purposes of this table, a clock cycle is one period of the output of the system clock
divider. For Fast mode the divider defaults to 1, so the clock cycle equals the oscillator period.
For Compatibility mode the divider defaults to 2, so the clock cycle is twice the oscillator period,
or conversely the clock count is half the number of oscillator periods.
Table 16-1.
Instruction Execution Times and Exceptions
(1)
Generic Instruction Types
Fast Mode Cycle Count Formula
Most arithmetic, logical, bit and transfer instructions
# bytes
Branches and Calls
# bytes + 1
Single Byte Indirect (i.e. ADD A, @Ri, etc.)
2
RET, RETI
4
MOVC
3
MOVX
4
(3)
MUL
2
DIV
4
INC DPTR
2
Arithmetic
Bytes
Clock Cycles
Hex Code
Compatibility
Fast
ADD A, Rn
1
6
1
28-2F
ADD A, direct
2
6
2
25
ADD A, @Ri
1
6
2
26-27
ADD A, #data
26
2
24
ADDC A, Rn
1
6
1
38-3F
ADDC A, direct
2
6
2
35
ADDC A, @Ri
1
6
2
36-37
ADDC A, #data
26
2
34
SUBB A, Rn
1
6
1
98-9F
SUBB A, direct
2
6
2
95
SUBB A, @Ri
1
6
2
96-97
SUBB A, #data
26
2
94
INC Rn
1
6
1
08-0F
INC direct
2
6
2
05
INC @Ri
1
6
2
06-07
INC A
2
6
2
04
DEC Rn
1
6
1
18-1F
DEC direct
2
6
2
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com